Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8601ARTZ-R2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD8601ARTZ-R2 Datasheet

  • # Example questions: ➢ What is the maximum junction temperature for the ad8601/ad8602/ad8604?
    ➢ Comparing the 5-lead sot-23 and 14-lead tssop packages, which one offers a lower thermal resistance (θja) and what does this imply about its heat dissipation capability?
    ➢ What is the recommended maximum lead temperature and duration for soldering the ad8601/ad8602/ad8604, and why is this important to consider?

  • Part No.AD8601ARTZ-R2
    ManufacturerAD
    Size356 Kbytes
    Pages24 pages
    DescriptionPrecision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
    Datasheet Summary with AI

    Okay, I'm ready to summarize the document you've provided. This is a data sheet for the AD8601/AD8602/AD8604 operational amplifiers. Here's a breakdown of the key information, organized into sections:

    1. General Information & Overview:

    ️· Device Type: Operational Amplifiers (Op Amps)
    ️· Document Revision: Rev. G, Page 5 of 24
    ️· Purpose: Provides detailed specifications, characteristics, and limitations for the AD8601, AD8602, and AD8604 Op Amps.

    2. Absolute Maximum Ratings:

    These values define the limits beyond which the device can be damaged. Important values include:

    ️· Supply Voltage: 6 V
    ️· Input Voltage: GND to VS
    ️· Differential Input Voltage: ±6 V
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C
    ️· Junction Temperature Range: -65°C to +150°C
    ️· Lead Temperature (Soldering): 300°C
    ️· ESD Resistance: 2 kV HBM (Human Body Model - ESD testing)


    3. Package and Thermal Characteristics:

    ️· Thermal Resistance (θJA and θJC): These values (in °C/W) describe how effectively heat is dissipated from the device, critical for ensuring safe operating temperatures. Different package types (SOT-23, SOIC, MSOP, TSSOP, QSOP) have different thermal resistance values. The higher the θJA, the less efficient the heat dissipation.
    ️· θJA = Junction-to-Ambient thermal resistance
    ️· θJC = Junction-to-Case thermal resistance

    4. Key Features (Implied from Tables - Not explicitly listed):

    ️· Based on the tables (especially Table 3) the op amps have multiple package options available.

    Important Notes:

    ️· ESD Caution: The document includes a note about Electrostatic Discharge (ESD) sensitivity and warns users to take precautions when handling the devices.
    ️· Data Sheet Focus: The provided excerpt is just a portion of the full data sheet. It includes some, but not all of the information about the amplifier. It doesn't provide details on performance specifications (gain, bandwidth, noise, etc.).



    Do you want me to elaborate on a particular section or aspect of this document?

    1. General Information & Overview:

    ️· Device Type: Operational Amplifiers (Op Amps)
    ️· Document Revision: Rev. G, Page 5 of 24
    ️· Purpose: Provides detailed specifications, characteristics, and limitations for the AD8601, AD8602, and AD8604 Op Amps.

    2. Absolute Maximum Ratings:

    These values define the limits beyond which the device can be damaged. Important values include:

    ️· Supply Voltage: 6 V
    ️· Input Voltage: GND to VS
    ️· Differential Input Voltage: ±6 V
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C
    ️· Junction Temperature Range: -65°C to +150°C
    ️· Lead Temperature (Soldering): 300°C
    ️· ESD Resistance: 2 kV HBM (Human Body Model - ESD testing)

    3. Package and Thermal Characteristics:

    ️· Thermal Resistance (θJA and θJC): These values (in °C/W) describe how effectively heat is dissipated from the device, critical for ensuring safe operating temperatures. Different package types (SOT-23, SOIC, MSOP, TSSOP, QSOP) have different thermal resistance values. The higher the θJA, the less efficient the heat dissipation.
    ️· θJA = Junction-to-Ambient thermal resistance
    ️· θJC = Junction-to-Case thermal resistance

    4. Key Features (Implied from Tables - Not explicitly listed):

    ️· Based on the tables (especially Table 3) the op amps have multiple package options available.

    Important Notes:

    ️· ESD Caution: The document includes a note about Electrostatic Discharge (ESD) sensitivity and warns users to take precautions when handling the devices.
    ️· Data Sheet Focus: The provided excerpt is just a portion of the full data sheet. It includes some, but not all of the information about the amplifier. It doesn't provide details on performance specifications (gain, bandwidth, noise, etc.).

    Part No.AD8601ARTZ-R2
    ManufacturerAD
    Size356 Kbytes
    Pages24 pages
    DescriptionPrecision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com