Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.ADM1817-R22ARTZ-R72
MfrAD
Size381 Kbytes
Pages16 pages
DescriptionMicroprocessor Reset Circuits
Datasheet SummaryAI
1. Functionality & Purpose:

️· Voltage Monitoring: The primary function is to monitor voltage levels (typically 3.3V, 3V, 5V, and 2.5V).
️· Reset Control: When the monitored voltage goes out of a predefined range (determined by a trip point), the IC generates a reset signal to the system. This is critical for ensuring stable operation of microprocessors and other sensitive electronics.
️· Push-Button Reset (Optional): Some versions include a feature to manually trigger a reset through a push-button.
️· Open-Drain/Push-Pull Outputs: Different ICs within the family use either open-drain or push-pull output configurations.

2. Device Variations & Key Differences:

️· ADM1810/1812/1815/1817: These versions feature a "push-pull" output. The ADM1810 and ADM1815 have active-low outputs; the ADM1812 and ADM1817 have active-high outputs.
️· ADM1811/1816: These have open-drain outputs.
️· ADM1813/1818: These are designed for low cost and feature an open-drain output and optional push-button reset.
️· Trip Points: Different models offer various trip point options to accommodate different voltage monitoring requirements.

3. Technical Details & Features:

️· Trip Point Options: Various trip point options are available, allowing flexible monitoring of different voltage levels.
️· Reset Thresholds: The reset threshold is temperature-dependent, as shown in the datasheet.
️· Transient Immunity: The ICs are designed to resist false resets caused by transient voltage spikes. The datasheet provides a graph (Figure 18) showing maximum transient duration limits.
️· Timing Diagrams: The datasheet includes timing diagrams for power-up, power-down, and push-button reset sequences.

4. Package Information:

️· The devices are available in two package types:
- Small Outline Transistor Package [SOT-23]
- Thin Shrink Small Outline Transistor Package [SC70]
- The dimensions for both package types are provided.

5. Applications

️· Primarily used for monitoring power supplies and generating reset signals for microprocessors and other sensitive circuits.
️· Suitable for systems requiring manual reset capabilities (using a push-button).
ADM1817-R22ARTZ-R72 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about ADM1817-R22ARTZ-R72 Datasheet.
    Example questions: ➤ Explain the function of the optional push-button reset switch as described in the document, and how it affects the reset output signal.➤ What are the key differences between the adm1810/adm1812/adm1815/adm1817 and the adm1813/adm1818 in terms of output type and functionality?➤ What voltage ranges are the adm1817 and adm1818 designed to monitor, and how do their trip point options differ?
  • Datasheet Details
    Part No.ADM1817-R22ARTZ-R72
    ManufacturerAD
    Size381 Kbytes
    Pages16 pages
    DescriptionMicroprocessor Reset Circuits
    Datasheet Summary AI Expand summary
    1. Functionality & Purpose:

    ️· Voltage Monitoring: The primary function is to monitor voltage levels (typically 3.3V, 3V, 5V, and 2.5V).
    ️· Reset Control: When the monitored voltage goes out of a predefined range (determined by a trip point), the IC generates a reset signal to the system. This is critical for ensuring stable operation of microprocessors and other sensitive electronics.
    ️· Push-Button Reset (Optional): Some versions include a feature to manually trigger a reset through a push-button.
    ️· Open-Drain/Push-Pull Outputs: Different ICs within the family use either open-drain or push-pull output configurations.

    2. Device Variations & Key Differences:

    ️· ADM1810/1812/1815/1817: These versions feature a "push-pull" output. The ADM1810 and ADM1815 have active-low outputs; the ADM1812 and ADM1817 have active-high outputs.
    ️· ADM1811/1816: These have open-drain outputs.
    ️· ADM1813/1818: These are designed for low cost and feature an open-drain output and optional push-button reset.
    ️· Trip Points: Different models offer various trip point options to accommodate different voltage monitoring requirements.

    3. Technical Details & Features:

    ️· Trip Point Options: Various trip point options are available, allowing flexible monitoring of different voltage levels.
    ️· Reset Thresholds: The reset threshold is temperature-dependent, as shown in the datasheet.
    ️· Transient Immunity: The ICs are designed to resist false resets caused by transient voltage spikes. The datasheet provides a graph (Figure 18) showing maximum transient duration limits.
    ️· Timing Diagrams: The datasheet includes timing diagrams for power-up, power-down, and push-button reset sequences.

    4. Package Information:

    ️· The devices are available in two package types:
    - Small Outline Transistor Package [SOT-23]
    - Thin Shrink Small Outline Transistor Package [SC70]
    - The dimensions for both package types are provided.

    5. Applications

    ️· Primarily used for monitoring power supplies and generating reset signals for microprocessors and other sensitive circuits.
    ️· Suitable for systems requiring manual reset capabilities (using a push-button).