| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KSZ8841-PMQL Datasheet
# Example questions:
➢ What is the operating temperature range for the ksz8841-pmqli version of the chip?
➢ How much internal memory is allocated for rx/tx fifo buffers within the ksz8841p?
➢ What type of network speeds does the ksz8841p support?
# KSZ8841P Fast Ethernet MAC Controller
## Features
️· Supports 10/100BASE-T/TX/FX
️· Compliant with IEEE 802.3u standard
️· 8KB internal memory for RX/TX FIFO buffers
️· Supports IEEE 802.1q multiple VLAN tagging
️· Includes Auto-negotiation (10/100Mbps full/half duplex)
️· Wake-on-LAN functionality (Magic Packet, network link state, wake-up frame)
️· Commercial Temperature Range: 0°C to +70°C
️· Industrial Temperature Range: –40°C to +85°C (KSZ8841-PMQLI)
️· Available in 128-pin PQFP
## Description
️· Single-chip Fast Ethernet MAC controller with a 32-bit/33MHz PCI interface
️· Complies with IEEE 802.3u standard
️· Supports Early TX/RX mode
️· Dynamic buffer memory scheme
️· Low-power CMOS design with single 3.3V power supply and 5V tolerant I/O
## Network Features
️· Integrated IEEE 802.3u support (10BASE-T, 100BASE-TX/FX)
️· Adaptive equalizer
️· Baseline wander correction
## Power & Packaging
️· Single 3.3V power supply
️· Enhanced power management (power-down feature)
️· Comprehensive LED indicator support (link, activity, full/half duplex, speed)
## Applications
️· Set-Top Boxes
️· Fax Machines
️· TVs
️· Digital TVs
️· Video over IP
️· Industrial Control Systems (Temperature, Pressure, Level, Valves)
️· Security/Surveillance Devices
## Contact Information
️· Micrel Semiconductor: Tel: 1.408.944.0800, Fax: 1.408.474.1000, HTTP: www.micrel.com
# KSZ8841P Fast Ethernet MAC Controller
## Features
️· Supports 10/100BASE-T/TX/FX
️· Compliant with IEEE 802.3u standard
️· 8KB internal memory for RX/TX FIFO buffers
️· Supports IEEE 802.1q multiple VLAN tagging
️· Includes Auto-negotiation (10/100Mbps full/half duplex)
️· Wake-on-LAN functionality (Magic Packet, network link state, wake-up frame)
️· Commercial Temperature Range: 0°C to +70°C
️· Industrial Temperature Range: –40°C to +85°C (KSZ8841-PMQLI)
️· Available in 128-pin PQFP
## Description
️· Single-chip Fast Ethernet MAC controller with a 32-bit/33MHz PCI interface
️· Complies with IEEE 802.3u standard
️· Supports Early TX/RX mode
️· Dynamic buffer memory scheme
️· Low-power CMOS design with single 3.3V power supply and 5V tolerant I/O
## Network Features
️· Integrated IEEE 802.3u support (10BASE-T, 100BASE-TX/FX)
️· Adaptive equalizer
️· Baseline wander correction
## Power & Packaging
️· Single 3.3V power supply
️· Enhanced power management (power-down feature)
️· Comprehensive LED indicator support (link, activity, full/half duplex, speed)
## Applications
️· Set-Top Boxes
️· Fax Machines
️· TVs
️· Digital TVs
️· Video over IP
️· Industrial Control Systems (Temperature, Pressure, Level, Valves)
️· Security/Surveillance Devices
## Contact Information
️· Micrel Semiconductor: Tel: 1.408.944.0800, Fax: 1.408.474.1000, HTTP: www.micrel.com
| Part No. | KSZ8841-PMQL |
| Manufacturer | MICREL |
| Size | 171 Kbytes |
| Pages | 2 pages |
| Description | Ethernet MAC Controller with PCI Interface |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |