Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TOP232G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TOP232G Datasheet

  • # Example questions: ➢ Choose *one* of these and explain how it functions, including how the threshold is set and what happens when the protected condition is triggered.
    ➢ Explain how the auto-restart function works, including the conditions that trigger it and the benefits it provides. what is the typical duty cycle for auto-restart, and what happens when the fault condition is removed?
    ➢ Describe the function of the multi-function pin and how it can be used for both remote on/off control and synchronization. what are the key differences between 'active-on' and 'active-off' configurations for remote control?

  • Part No.TOP232G
    ManufacturerPAM
    Size644 Kbytes
    Pages36 pages
    DescriptionTOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
    Datasheet Summary with AI

    1. Core Functionality & Power Conversion

    ️· Isolated Flyback Converter: The TOP232/234 is designed to drive a flyback converter topology. This means it handles both the primary side power delivery and isolation.
    ️· Regulation: The chip regulates the output voltage by controlling the duty cycle of the flyback pulses.
    ️· Soft Start: Provides a gradual increase in output voltage during start-up to prevent voltage spikes and reduce stress on components. (10ms typical)
    ️· Hysteretic Over-Temperature Protection: Shuts down the power supply if the internal temperature gets too high to prevent damage, with a 70°C hysteresis before re-enabling.
    ️· Line Feedforward: Adjusts the duty cycle based on the input voltage to minimize output voltage ripple and improve transient response to line voltage changes.

    2. Control & Protection Features

    ️· Auto-Restart: Automatically attempts to restart the power supply if it detects a fault condition (like an overloaded output). The auto-restart duty cycle is typically 4%.
    ️· UVLO (Under Voltage Lockout): Prevents operation if the input voltage is too low, protecting the components.
    ️· OVLO (Over Voltage Lockout): Shuts down the power supply if the rectified output voltage exceeds a preset limit.
    ️· Hysteretic Regulation (Remote Off Mode): When controlled remotely off, the chip enters a low-power, hysteretic mode (oscillating between 4.8V and 5.8V) if the output loses regulation. This mode is very efficient.
    ️· Synchronization: Allows synchronization of the switching frequency with an external signal (up to the IC’s internal frequency).

    3. Remote On/Off & Control Pin (MULTI-FUNCTION)

    ️· Versatile Control: The MULTI-FUNCTION pin provides a single pin for several control functions:
    - Remote On/Off: Controls the power supply's on/off state.
    - Synchronization: Used for synchronization.
    - Line Feedforward: Used for setting line voltage compensation.
    - UVLO Threshold: Sets the UVLO threshold voltage.
    - OVLO Threshold: Sets the OVLO threshold voltage.
    ️· Active-On vs. Active-Off: Can be configured for either "active-on" (pulling the pin low turns on) or "active-off" (pulling the pin high turns on).
    ️· Cycle-by-Cycle Control: The remote on/off feature operates on a cycle-by-cycle basis, allowing for very precise control.
    ️· Delayed Startup: When restarting after a remote off state, there's a delay (up to ~125ms) before the output reaches full voltage due to the soft start sequence.

    4. Technical Specifications Highlights

    ️· Input Voltage Range: Typically 85-265VAC (check datasheet for specific models)
    ️· Output Power: Can support a wide range of output power levels depending on external components.
    ️· Switching Frequency: Internally generated, typically in the range of 50-200kHz (adjustable through external components).

    Important Notes & Cautions:

    ️· Datasheet is Essential: This summary is based on the provided text. The *actual* operation and specifications will be dictated by the official Fairchild TOP232/234 datasheet. You *must* consult the datasheet for detailed information, safety guidelines, and application-specific requirements.
    ️· External Components: The performance and characteristics of the power supply depend heavily on the design and selection of external components (transformer, output rectifier, capacitors, etc.).
    ️· Safety: Flyback converters involve high voltages and currents. Proper design, layout, and safety precautions are *critical*. Follow all relevant safety standards.
    ️· Transformer Design: The transformer is a key component. It must be carefully designed to match the IC's specifications and the desired output voltage and power.
    ️· Hysteresis and Thresholds: The hysteresis and threshold voltages (UVLO, OVLO) are not fixed and can be adjusted by external components. Careful consideration should be given to these settings to ensure proper operation and protection.

    1. Core Functionality & Power Conversion

    ️· Isolated Flyback Converter: The TOP232/234 is designed to drive a flyback converter topology. This means it handles both the primary side power delivery and isolation.
    ️· Regulation: The chip regulates the output voltage by controlling the duty cycle of the flyback pulses.
    ️· Soft Start: Provides a gradual increase in output voltage during start-up to prevent voltage spikes and reduce stress on components. (10ms typical)
    ️· Hysteretic Over-Temperature Protection: Shuts down the power supply if the internal temperature gets too high to prevent damage, with a 70°C hysteresis before re-enabling.
    ️· Line Feedforward: Adjusts the duty cycle based on the input voltage to minimize output voltage ripple and improve transient response to line voltage changes.

    2. Control & Protection Features

    ️· Auto-Restart: Automatically attempts to restart the power supply if it detects a fault condition (like an overloaded output). The auto-restart duty cycle is typically 4%.
    ️· UVLO (Under Voltage Lockout): Prevents operation if the input voltage is too low, protecting the components.
    ️· OVLO (Over Voltage Lockout): Shuts down the power supply if the rectified output voltage exceeds a preset limit.
    ️· Hysteretic Regulation (Remote Off Mode): When controlled remotely off, the chip enters a low-power, hysteretic mode (oscillating between 4.8V and 5.8V) if the output loses regulation. This mode is very efficient.
    ️· Synchronization: Allows synchronization of the switching frequency with an external signal (up to the IC’s internal frequency).

    3. Remote On/Off & Control Pin (MULTI-FUNCTION)

    ️· Versatile Control: The MULTI-FUNCTION pin provides a single pin for several control functions:
    - Remote On/Off: Controls the power supply's on/off state.
    - Synchronization: Used for synchronization.
    - Line Feedforward: Used for setting line voltage compensation.
    - UVLO Threshold: Sets the UVLO threshold voltage.
    - OVLO Threshold: Sets the OVLO threshold voltage.
    ️· Active-On vs. Active-Off: Can be configured for either "active-on" (pulling the pin low turns on) or "active-off" (pulling the pin high turns on).
    ️· Cycle-by-Cycle Control: The remote on/off feature operates on a cycle-by-cycle basis, allowing for very precise control.
    ️· Delayed Startup: When restarting after a remote off state, there's a delay (up to ~125ms) before the output reaches full voltage due to the soft start sequence.

    4. Technical Specifications Highlights

    ️· Input Voltage Range: Typically 85-265VAC (check datasheet for specific models)
    ️· Output Power: Can support a wide range of output power levels depending on external components.
    ️· Switching Frequency: Internally generated, typically in the range of 50-200kHz (adjustable through external components).

    Important Notes & Cautions:

    ️· Datasheet is Essential: This summary is based on the provided text. The *actual* operation and specifications will be dictated by the official Fairchild TOP232/234 datasheet. You *must* consult the datasheet for detailed information, safety guidelines, and application-specific requirements.
    ️· External Components: The performance and characteristics of the power supply depend heavily on the design and selection of external components (transformer, output rectifier, capacitors, etc.).
    ️· Safety: Flyback converters involve high voltages and currents. Proper design, layout, and safety precautions are *critical*. Follow all relevant safety standards.
    ️· Transformer Design: The transformer is a key component. It must be carefully designed to match the IC's specifications and the desired output voltage and power.
    ️· Hysteresis and Thresholds: The hysteresis and threshold voltages (UVLO, OVLO) are not fixed and can be adjusted by external components. Careful consideration should be given to these settings to ensure proper operation and protection.

    Part No.TOP232G
    ManufacturerPAM
    Size644 Kbytes
    Pages36 pages
    DescriptionTOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher