Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3JK-R2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about E3JK-R2 Datasheet

  • # Example questions: ➢ What are the two different types of relay output options available for the e3jk sensors, and how do they differ in their operation (e.g., l-on vs. d-on)?
    ➢ When using the dc transistor output type, what is the maximum allowable combined current draw for both the l-on and d-on outputs, and what happens if this limit is exceeded?
    ➢ What three environmental conditions should be avoided when installing an e3jk sensor to ensure proper functionality?

  • Part No.E3JK-R2
    ManufacturerOMRON
    Size1Mb
    Pages8 pages
    DescriptionAll voltage photoelectric sensors
    Datasheet Summary with AI

    1. General Overview

    ️· Purpose: The E3JK series is a range of photoelectric sensors used for object detection. They are designed for various applications involving automated processes.
    ️· Types: The series includes Through-beam, Retroreflective, and Diffuse-reflective models to suit different sensing scenarios.
    ️· Sensing Range: The document mentions sensing distances ranging from a few millimeters to several meters (though specific distances depend on model and conditions).
    ️· Power Reset Time: It's crucial to ensure the sensor is powered *before* the load, as it requires around 200ms to be ready for object detection.

    2. Models and Output Options

    The document covers several output configurations. Here's a summarized table:

    Model Type Output Circuit Description Key Features/Notes
    Through-beam Relay Output (e.g., E3JK-5M1, E3JK-R2M1) Outputs a contact closure. Light indicator (red) to indicate state. Polarity optional in power connection.
    DC Transistor Output (e.g., E3JK-R2S3) Outputs a transistor signal. Requires an external power source for the load.
    Retroreflective Same as Through-beam options Uses a reflector for sensing. Requires careful alignment of the reflector and sensor.
    Diffuse-reflective Same as Through-beam options Detects objects without a reflector, relying on reflected light. Sensitivity adjustment is more crucial for this type.

    3. Performance and Adjustment

    ️· Through-Beam & Retroreflective Adjustment: Fine-tune the horizontal and vertical position of the emitter and receiver to maximize sensitivity.
    ️· Diffuse-Reflective Adjustment: A more detailed adjustment procedure is outlined:
    1. Find the position (A) where the indicator turns on with the object present.
    2. Remove the object and find the position (B) where the indicator turns on with a background object.
    3. Find position (C) where the indicator turns off (just beyond B).
    4. The optimal position is the midpoint between (A) and (C).
    ️· Reflector Considerations: For retroreflective models, the position of the reflector is critical for proper sensing.
    ️· Wiring Considerations: For DC transistor output types, the sum of the load currents should be under 100mA to avoid short-circuit protection.

    4. Precautions & Important Notes

    ️· Environment: Avoid dusty, corrosive, or wet environments.
    ️· Wiring: Ensure proper wiring to avoid damage or malfunction.
    ️· Sensitivity Adjustment: Handle the sensitivity adjuster with care; excessive force can damage it.
    ️· Power Sequence: Power the sensor *before* the connected load.
    ️· Ambient Light: Excessive ambient light can interfere with detection.
    ️· Load Current: Be mindful of the maximum allowable load current for DC transistor output types.

    1. General Overview

    ️· Purpose: The E3JK series is a range of photoelectric sensors used for object detection. They are designed for various applications involving automated processes.
    ️· Types: The series includes Through-beam, Retroreflective, and Diffuse-reflective models to suit different sensing scenarios.
    ️· Sensing Range: The document mentions sensing distances ranging from a few millimeters to several meters (though specific distances depend on model and conditions).
    ️· Power Reset Time: It's crucial to ensure the sensor is powered *before* the load, as it requires around 200ms to be ready for object detection.

    2. Models and Output Options

    The document covers several output configurations. Here's a summarized table:

    Model Type Output Circuit Description Key Features/Notes
    Through-beam Relay Output (e.g., E3JK-5M1, E3JK-R2M1) Outputs a contact closure. Light indicator (red) to indicate state. Polarity optional in power connection.
    DC Transistor Output (e.g., E3JK-R2S3) Outputs a transistor signal. Requires an external power source for the load.
    Retroreflective Same as Through-beam options Uses a reflector for sensing. Requires careful alignment of the reflector and sensor.
    Diffuse-reflective Same as Through-beam options Detects objects without a reflector, relying on reflected light. Sensitivity adjustment is more crucial for this type.

    3. Performance and Adjustment

    ️· Through-Beam & Retroreflective Adjustment: Fine-tune the horizontal and vertical position of the emitter and receiver to maximize sensitivity.
    ️· Diffuse-Reflective Adjustment: A more detailed adjustment procedure is outlined:
    1. Find the position (A) where the indicator turns on with the object present.
    2. Remove the object and find the position (B) where the indicator turns on with a background object.
    3. Find position (C) where the indicator turns off (just beyond B).
    4. The optimal position is the midpoint between (A) and (C).
    ️· Reflector Considerations: For retroreflective models, the position of the reflector is critical for proper sensing.
    ️· Wiring Considerations: For DC transistor output types, the sum of the load currents should be under 100mA to avoid short-circuit protection.

    4. Precautions & Important Notes

    ️· Environment: Avoid dusty, corrosive, or wet environments.
    ️· Wiring: Ensure proper wiring to avoid damage or malfunction.
    ️· Sensitivity Adjustment: Handle the sensitivity adjuster with care; excessive force can damage it.
    ️· Power Sequence: Power the sensor *before* the connected load.
    ️· Ambient Light: Excessive ambient light can interfere with detection.
    ️· Load Current: Be mindful of the maximum allowable load current for DC transistor output types.

    Part No.E3JK-R2
    ManufacturerOMRON
    Size1Mb
    Pages8 pages
    DescriptionAll voltage photoelectric sensors