| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ML100PS1PG Datasheet
# Example questions:
➢ What are the available pressure ranges for the ml series transducer, and what unit options are offered for each range?
➢ What is the maximum operating temperature range for this transducer, and what are the implications of operating outside of this range on accuracy?
➢ Considering the electrical specifications, what excitation voltage is required for the ratiometric output, and what is the corresponding output signal range?
# ML Series Pressure Transducer
## Overview
The ML Series pressure transducer combines ASIC technology with a stainless steel design, offering a balance of value and performance for automotive and industrial applications. It is fully temperature compensated, calibrated, and amplified, available in pressure ranges from 100 to 5000 PSIS.
## Features & Benefits
· High Value & Performance: Excellent OEM value.
· No Elastomeric Seals: Eliminates O-ring compatibility issues.
· Amplified Output: Reduces cost of external amplifiers.
· Reverse Polarity Protection: Prevents damage from reversed excitation.
· Fast Response Time: Accurate high-speed measurements (<500 microseconds).
· Environmental Protection: Meets IP65 standards.
· EMC Compliance: Exceeds CE Heavy Industrial EMC standards.
## Ordering Information
ML [Range] [Unit] [Output] [Termination] [Reference]
️· Range: 15, 200, 500, 1000, 2000, 3000, 5000 (PSIS)
️· Unit: P (PSI), B (Bar), G (Gage <100 PSI), S (Sealed)
️· Output: Ratiometric, Regulated, Current
️· Termination: Contact factory for options
️· Reference: Contact factory for options
## Technical Specifications
️· Pressure Ranges: 15-5000 PSIG, 6-250 BAR
️· Physical: 2.0 oz (57 gm) weight
️· Environmental: Shock resistant (50-100g), Vibration tested
️· Electrical:
- Zero Output: 0.5/1.0 Vdc
- Full Scale Output: 4.0/5.0/16 Vdc
- Excitation Voltage: 5/7/9.5 Vdc
️· Performance:
- Accuracy: ±0.25% FSO
- Response Time: < 500 microseconds
- Operating Temperature: -40°C to 105°C
## Dimensions (approximate)
· Hex Size: 1-1/16 [27]
· Length: 1.58 [19]
· Connector Bore: 0.73 [22]
## Warranty
Honeywell warrants the product against defects in materials and workmanship. Specifications are subject to change.
# ML Series Pressure Transducer
## Overview
The ML Series pressure transducer combines ASIC technology with a stainless steel design, offering a balance of value and performance for automotive and industrial applications. It is fully temperature compensated, calibrated, and amplified, available in pressure ranges from 100 to 5000 PSIS.
## Features & Benefits
· High Value & Performance: Excellent OEM value.
· No Elastomeric Seals: Eliminates O-ring compatibility issues.
· Amplified Output: Reduces cost of external amplifiers.
· Reverse Polarity Protection: Prevents damage from reversed excitation.
· Fast Response Time: Accurate high-speed measurements (<500 microseconds).
· Environmental Protection: Meets IP65 standards.
· EMC Compliance: Exceeds CE Heavy Industrial EMC standards.
## Ordering Information
ML [Range] [Unit] [Output] [Termination] [Reference]
️· Range: 15, 200, 500, 1000, 2000, 3000, 5000 (PSIS)
️· Unit: P (PSI), B (Bar), G (Gage <100 PSI), S (Sealed)
️· Output: Ratiometric, Regulated, Current
️· Termination: Contact factory for options
️· Reference: Contact factory for options
## Technical Specifications
️· Pressure Ranges: 15-5000 PSIG, 6-250 BAR
️· Physical: 2.0 oz (57 gm) weight
️· Environmental: Shock resistant (50-100g), Vibration tested
️· Electrical:
- Zero Output: 0.5/1.0 Vdc
- Full Scale Output: 4.0/5.0/16 Vdc
- Excitation Voltage: 5/7/9.5 Vdc
️· Performance:
- Accuracy: ±0.25% FSO
- Response Time: < 500 microseconds
- Operating Temperature: -40°C to 105°C
## Dimensions (approximate)
· Hex Size: 1-1/16 [27]
· Length: 1.58 [19]
· Connector Bore: 0.73 [22]
## Warranty
Honeywell warrants the product against defects in materials and workmanship. Specifications are subject to change.
| Part No. | ML100PS1PG |
| Manufacturer | HONEYWELL |
| Size | 205 Kbytes |
| Pages | 2 pages |
| Description | High value and outstanding performance No internal elastomeric seals |