Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBPC605 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PBPC605 Datasheet

  • # Example questions: ➢ What is the maximum average rectified output current for the pbpc607 bridge rectifier when mounted on a pc board fr-4 material?
    ➢ What is the mounting torque specification for securing these bridge rectifiers with a #6 screw?
    ➢ How does the operating temperature range affect the performance of these bridge rectifiers?

  • Part No.PBPC605
    ManufacturerDIODES
    Size53 Kbytes
    Pages2 pages
    Description6.0A BRIDGE RECTIFIER
    Datasheet Summary with AI

    # PBPC601 - PBPC607: 6.0A Bridge Rectifier

    ## Features

    ️· High Current Capability (6.0A)
    ️· Surge Overload Rating to 125A Peak
    ️· High Case Dielectric Strength of 1500V
    ️· Ideal for Printed Circuit Board Application
    ️· UL Flammability Classification Rating 94V-0
    ️· UL Listed (File Number E94661)

    ## Mechanical Data

    ️· Molded Plastic Case
    ️· Plated Leads (Solderable per MIL-STD-202, Method 208)
    ️· Polarity Marked on Body
    ️· Through-Hole Mounting (for #6 Screw)
    ️· Maximum Mounting Torque: 5.0 Inch-pounds
    ️· Weight: 3.8 grams (approx)
    ️· Type Number Marking

    ## Dimensions (mm)

    Dimension Min Max
    A 14.73 15.75
    B 5.84 6.86
    C 19.00
    D 0.76 0.76
    E 1.70 3.20
    G Hole for #6 Screw Hole for #6 Screw
    H 10.30 11.30


    ## Electrical Characteristics (@ TA = 25°C)

    ️· Peak Repetitive Reverse Voltage (VRRM): 50 - 1000V (depending on model)
    ️· RMS Reverse Voltage (VR(RMS)): 35 - 700V (depending on model)
    ️· Average Rectified Output Current (IO): 6.0A (depending on model)
    ️· Non-Repetitive Peak Forward Surge Current (IFSM): 125A
    ️· Forward Voltage (VFM): 1.1V
    ️· Peak Reverse Current (IR): 1.0 - 10mA
    ️· I2t Rating for Fusing: 64A2s
    ️· Junction Capacitance (Cj): 55pF
    ️· Thermal Resistance (RJC): 12.5°C/W
    ️· Operating/Storage Temperature: -65°C to +125°C

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Measurements typically taken with component mounted on a metal chassis or FR-4 circuit board.

    # PBPC601 - PBPC607: 6.0A Bridge Rectifier

    ## Features

    ️· High Current Capability (6.0A)
    ️· Surge Overload Rating to 125A Peak
    ️· High Case Dielectric Strength of 1500V
    ️· Ideal for Printed Circuit Board Application
    ️· UL Flammability Classification Rating 94V-0
    ️· UL Listed (File Number E94661)

    ## Mechanical Data

    ️· Molded Plastic Case
    ️· Plated Leads (Solderable per MIL-STD-202, Method 208)
    ️· Polarity Marked on Body
    ️· Through-Hole Mounting (for #6 Screw)
    ️· Maximum Mounting Torque: 5.0 Inch-pounds
    ️· Weight: 3.8 grams (approx)
    ️· Type Number Marking

    ## Dimensions (mm)

    Dimension Min Max
    A 14.73 15.75
    B 5.84 6.86
    C 19.00
    D 0.76 0.76
    E 1.70 3.20
    G Hole for #6 Screw Hole for #6 Screw
    H 10.30 11.30


    ## Electrical Characteristics (@ TA = 25°C)

    ️· Peak Repetitive Reverse Voltage (VRRM): 50 - 1000V (depending on model)
    ️· RMS Reverse Voltage (VR(RMS)): 35 - 700V (depending on model)
    ️· Average Rectified Output Current (IO): 6.0A (depending on model)
    ️· Non-Repetitive Peak Forward Surge Current (IFSM): 125A
    ️· Forward Voltage (VFM): 1.1V
    ️· Peak Reverse Current (IR): 1.0 - 10mA
    ️· I2t Rating for Fusing: 64A2s
    ️· Junction Capacitance (Cj): 55pF
    ️· Thermal Resistance (RJC): 12.5°C/W
    ️· Operating/Storage Temperature: -65°C to +125°C

    ## Notes

    ️· For capacitive loads, derate current by 20%.
    ️· Measurements typically taken with component mounted on a metal chassis or FR-4 circuit board.

    Part No.PBPC605
    ManufacturerDIODES
    Size53 Kbytes
    Pages2 pages
    Description6.0A BRIDGE RECTIFIER