| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SH0044 Datasheet
# Example questions:
➢ What is the operating temperature range for this ssr2045ctj device?
➢ What is the maximum instantaneous forward voltage drop when the forward current is 5 amps and the ambient temperature is 25°c?
➢ What is the maximum allowable peak repetitive forward current this device can handle?
# SSR2045CTJ
## Overview
· 20 Amps, 45 Volts Isolated Flat Pack Schottky diode
· Positive Center Tap configuration
· Available in SSR2045CTJ, SSR2045CAJ, and SSR2045DJ configurations
## Maximum Ratings
· Peak Repetitive Reverse Voltage (VRRM): 45 Volts
· RMS Reverse Voltage (Vr): 32 Volts
· Half Wave Rectified Forward Current (IO): 20 Amps
· Peak Repetitive Forward Current (IFRM): 40 Amps
· Peak Surge Current (IFSM): 200 Amps
· Operating & Storage Temperature (TJ & Tstg): -65 to +175 °C
## Thermal Characteristics
· Thermal Resistance, Junction to Case (RθJC): 2.0 °C/W
## Electrical Characteristics (at TA = 25°C unless otherwise noted)
· Instantaneous Forward Voltage Drop (VF):
- IF = 3A: 0.50 V
- IF = 5A: 0.55 V
- IF = 10A: 0.65 V
- IF = 5A, TA = 100°C: 0.5 V
· Max Reverse Leakage Current (IR):
- VR = 45V, TA = 100°C: 10 mA
- VR = 45V, TA = 25°C: 200 µA
· Max Junction Capacitance (CJ): 400 pF (VR = 10VDC, TA = 25°C)
## Package Outline
· TO-257 (J)
## Notes
· Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
· All specifications are subject to change.
· SCDs require SSDI review prior to release.
· Datasheet #: SH0044A DOC
# SSR2045CTJ
## Overview
· 20 Amps, 45 Volts Isolated Flat Pack Schottky diode
· Positive Center Tap configuration
· Available in SSR2045CTJ, SSR2045CAJ, and SSR2045DJ configurations
## Maximum Ratings
· Peak Repetitive Reverse Voltage (VRRM): 45 Volts
· RMS Reverse Voltage (Vr): 32 Volts
· Half Wave Rectified Forward Current (IO): 20 Amps
· Peak Repetitive Forward Current (IFRM): 40 Amps
· Peak Surge Current (IFSM): 200 Amps
· Operating & Storage Temperature (TJ & Tstg): -65 to +175 °C
## Thermal Characteristics
· Thermal Resistance, Junction to Case (RθJC): 2.0 °C/W
## Electrical Characteristics (at TA = 25°C unless otherwise noted)
· Instantaneous Forward Voltage Drop (VF):
- IF = 3A: 0.50 V
- IF = 5A: 0.55 V
- IF = 10A: 0.65 V
- IF = 5A, TA = 100°C: 0.5 V
· Max Reverse Leakage Current (IR):
- VR = 45V, TA = 100°C: 10 mA
- VR = 45V, TA = 25°C: 200 µA
· Max Junction Capacitance (CJ): 400 pF (VR = 10VDC, TA = 25°C)
## Package Outline
· TO-257 (J)
## Notes
· Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
· All specifications are subject to change.
· SCDs require SSDI review prior to release.
· Datasheet #: SH0044A DOC
| Part No. | SH0044 |
| Manufacturer | SSDI |
| Size | 116 Kbytes |
| Pages | 2 pages |
| Description | POSITIVE CENTER TAP SCHOTTKY |