| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MMBR941L Datasheet
# Example questions:
➢ What is the typical dc current gain (hfe) when the collector current (lc) is 5ma and the collector-emitter voltage (vce) is 6v?
➢ How does the junction temperature (tj) affect the maximum allowable collector power dissipation (pc)?
➢ What is the maximum continuous collector current (ic) that the mmbr941l transistor can handle?
# MMBR941L Silicon NPN RF Transistor
## Description
· Low Noise
· High Current-Gain Bandwidth Product
· Designed for high gain, low noise small-signal amplifiers.
## Absolute Maximum Ratings (Ta=25°C)
· VCBO (Collector-Base Voltage): 20V
· Vceo (Collector-Emitter Voltage): 10V
· VEBO (Emitter-Base Voltage): 1.5V
· Ic (Collector Current - Continuous): 50mA
· PC (Collector Power Dissipation @ Tc=75°C): 0.25W
· Tj (Junction Temperature): 150°C
· Tstg (Storage Temperature Range): -55°C to 150°C
## Package Dimensions (SOT-23)
· A: 0.37mm (Max)
· B: 1.19mm (Max)
· C: 2.10mm (Max)
· D: 0.59mm (Max)
· j.K: 1.73mm (Max)
· L: 2.65mm (Max)
· K: 1.10mm (Max)
· L: 0.15mm (Max)
· 0.076mm (Max)
## Electrical Characteristics (Tc=25°C)
· V(BR)CEO (Collector-Emitter Breakdown Voltage): 10V (Min)
· V(BR)CBO (Collector-Base Breakdown Voltage): 20V (Min)
· IEBO (Emitter Cutoff Current): 50uA (Max)
· ICBO (Collector Cutoff Current): 0.1uA (Max)
· hFE (DC Current Gain): 8 (Typ)
· COB (Output Capacitance): 14 (Typ)
· fT (Current-Gain - Bandwidth Product): 8.0 GHz (Typ)
· Insertion Power Gain: 8.0 dB (Min)
· Insertion Power Gain: 16 dB (Typ)
· GU max (Maximum Unilateral Gain): 10 (Typ)
· GU max: 1.9 (Typ)
· NF (Noise Figure): 0.35 dB (Typ)
# MMBR941L Silicon NPN RF Transistor
## Description
· Low Noise
· High Current-Gain Bandwidth Product
· Designed for high gain, low noise small-signal amplifiers.
## Absolute Maximum Ratings (Ta=25°C)
· VCBO (Collector-Base Voltage): 20V
· Vceo (Collector-Emitter Voltage): 10V
· VEBO (Emitter-Base Voltage): 1.5V
· Ic (Collector Current - Continuous): 50mA
· PC (Collector Power Dissipation @ Tc=75°C): 0.25W
· Tj (Junction Temperature): 150°C
· Tstg (Storage Temperature Range): -55°C to 150°C
## Package Dimensions (SOT-23)
· A: 0.37mm (Max)
· B: 1.19mm (Max)
· C: 2.10mm (Max)
· D: 0.59mm (Max)
· j.K: 1.73mm (Max)
· L: 2.65mm (Max)
· K: 1.10mm (Max)
· L: 0.15mm (Max)
· 0.076mm (Max)
## Electrical Characteristics (Tc=25°C)
· V(BR)CEO (Collector-Emitter Breakdown Voltage): 10V (Min)
· V(BR)CBO (Collector-Base Breakdown Voltage): 20V (Min)
· IEBO (Emitter Cutoff Current): 50uA (Max)
· ICBO (Collector Cutoff Current): 0.1uA (Max)
· hFE (DC Current Gain): 8 (Typ)
· COB (Output Capacitance): 14 (Typ)
· fT (Current-Gain - Bandwidth Product): 8.0 GHz (Typ)
· Insertion Power Gain: 8.0 dB (Min)
· Insertion Power Gain: 16 dB (Typ)
· GU max (Maximum Unilateral Gain): 10 (Typ)
· GU max: 1.9 (Typ)
· NF (Noise Figure): 0.35 dB (Typ)
| Part No. | MMBR941L |
| Manufacturer | NJSEMI |
| Size | 69 Kbytes |
| Pages | 2 pages |
| Description | Silicon NPN RF Transistor |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |