Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Details
Part No.UPC2800AGR
MfrNEC
Size84 Kbytes
Pages12 pages
DescriptionPREAMPLIFIER FOR INFRARED REMOTE CONTROL
Datasheet SummaryAI
1. Product Overview & General Information

️· Device: NEC µPC2800A (likely a timer/counter)
️· Purpose: Datasheet for technical specifications, application circuits, and recommended practices.
️· Important Note: The application circuits provided are *examples* and are not intended to be used directly in designs without modification and testing. NEC assumes no liability for direct use of the circuits as provided.
️· Quality Grades: NEC devices are categorized into "Standard," "Special," and "Specific" quality grades, with the "Standard" grade being the default. The specific application should match the assigned grade. Specific grade requires a customer quality assurance program.
️· Anti-Radioactive Design: The device *does not* have anti-radioactive design.

2. Features & Specifications (Inferred from the content)

️· Package: 8-pin Plastic SOP (Surface Mount Package)
️· Supply Voltage: (Not explicitly stated, but likely standard logic voltage ranges)
️· Operating Temperature: (Not explicitly stated)
️· Timing and Counter Functionality: (Based on the name and likely application circuits)
️· Surface Mount Technology: Compliant with common reflow and wave soldering techniques.

3. Application Circuits (Briefly Described)

️· The document includes sample application circuits for demonstrating the device's functionality. The circuits given are for reference.
️· Note: The circuits are simplified for illustrative purposes and should be adapted and tested thoroughly for specific applications.

4. Recommended Soldering Conditions

️· Infrared Reflow: Peak temperature of 230°C or below, Reflow time: 30 seconds or less.
️· VPS (Vacuum Pressure Soldering): Peak temperature of 215°C or below, Reflow time: 40 seconds or less.
️· Wave Soldering: Solder temperature: 260°C or below, Flow time: 10 seconds or less.
️· Partial Heating Method: Pin temperature: 300°C or below, Heat time: 3 seconds or less per side.
️· Crucial: Only one soldering method should be used (except for partial heating).

5. Package Dimensions & Mechanical Data

️· Dimensions: Detailed measurements are provided for the SOP package, including lead spacing, pin lengths, and overall dimensions. (See the figures in the document)
️· Lead Centering: Lead centerlines are within specified tolerances.

6. Important Legal & Safety Disclaimers

️· Copyright: NEC retains copyright. Reproduction is prohibited without consent.
️· Patent Rights: NEC disclaims liability for infringement of intellectual property rights.
️· Liability: NEC disclaims liability for damage or injury resulting from defects in the device. Customers must implement safety measures in their designs.
️· Quality Grade: Customers must adhere to the proper quality grade and communicate with NEC before using for non-standard applications.

Overall, this document is a comprehensive datasheet providing technical details and guidance for the proper use of the NEC µPC2800A integrated circuit. It emphasizes careful design, adherence to specified conditions, and a full understanding of the device's limitations.
UPC2800AGR Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about UPC2800AGR Datasheet.
    Example questions: ➤ What applications are suitable for 'special' quality grade devices?➤ What are the recommended peak temperatures for infrared ray reflow and vps soldering processes?➤ What caution does the document highlight regarding applying soldering conditions to a device?
  • Datasheet Details
    Part No.UPC2800AGR
    ManufacturerNEC
    Size84 Kbytes
    Pages12 pages
    DescriptionPREAMPLIFIER FOR INFRARED REMOTE CONTROL
    Datasheet Summary AI Expand summary
    1. Product Overview & General Information

    ️· Device: NEC µPC2800A (likely a timer/counter)
    ️· Purpose: Datasheet for technical specifications, application circuits, and recommended practices.
    ️· Important Note: The application circuits provided are *examples* and are not intended to be used directly in designs without modification and testing. NEC assumes no liability for direct use of the circuits as provided.
    ️· Quality Grades: NEC devices are categorized into "Standard," "Special," and "Specific" quality grades, with the "Standard" grade being the default. The specific application should match the assigned grade. Specific grade requires a customer quality assurance program.
    ️· Anti-Radioactive Design: The device *does not* have anti-radioactive design.

    2. Features & Specifications (Inferred from the content)

    ️· Package: 8-pin Plastic SOP (Surface Mount Package)
    ️· Supply Voltage: (Not explicitly stated, but likely standard logic voltage ranges)
    ️· Operating Temperature: (Not explicitly stated)
    ️· Timing and Counter Functionality: (Based on the name and likely application circuits)
    ️· Surface Mount Technology: Compliant with common reflow and wave soldering techniques.

    3. Application Circuits (Briefly Described)

    ️· The document includes sample application circuits for demonstrating the device's functionality. The circuits given are for reference.
    ️· Note: The circuits are simplified for illustrative purposes and should be adapted and tested thoroughly for specific applications.

    4. Recommended Soldering Conditions

    ️· Infrared Reflow: Peak temperature of 230°C or below, Reflow time: 30 seconds or less.
    ️· VPS (Vacuum Pressure Soldering): Peak temperature of 215°C or below, Reflow time: 40 seconds or less.
    ️· Wave Soldering: Solder temperature: 260°C or below, Flow time: 10 seconds or less.
    ️· Partial Heating Method: Pin temperature: 300°C or below, Heat time: 3 seconds or less per side.
    ️· Crucial: Only one soldering method should be used (except for partial heating).

    5. Package Dimensions & Mechanical Data

    ️· Dimensions: Detailed measurements are provided for the SOP package, including lead spacing, pin lengths, and overall dimensions. (See the figures in the document)
    ️· Lead Centering: Lead centerlines are within specified tolerances.

    6. Important Legal & Safety Disclaimers

    ️· Copyright: NEC retains copyright. Reproduction is prohibited without consent.
    ️· Patent Rights: NEC disclaims liability for infringement of intellectual property rights.
    ️· Liability: NEC disclaims liability for damage or injury resulting from defects in the device. Customers must implement safety measures in their designs.
    ️· Quality Grade: Customers must adhere to the proper quality grade and communicate with NEC before using for non-standard applications.

    Overall, this document is a comprehensive datasheet providing technical details and guidance for the proper use of the NEC µPC2800A integrated circuit. It emphasizes careful design, adherence to specified conditions, and a full understanding of the device's limitations.