| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AK243-025-R Datasheet
# Example questions:
➢ What electrical tests are required to ensure the cable meets specifications?
➢ What is the length of the cable, as specified in the material list?
➢ What material is used for the insulation of the rca plug?
Okay, I've reviewed the provided text. It appears to be a scanned or copied technical drawing/specification sheet for a stereo connection cable (AK243-025-R). Here's a breakdown of what I've observed, along with a summary of the information:
What I See:
️· Document Type: Technical specification/drawing for an electrical cable.
️· Cable Type: Stereo connection cable, specifically a 3.5ST Male to 2x RCA Male cable.
️· Part Number: AK243-025-R
️· Revisions: "rev00" indicates this is the initial revision.
️· Units: The document primarily uses millimeters (MM) for measurements.
️· Materials: It lists various materials used in construction, including PVC, LD-PE, and nickel-plated components.
️· Electrical Testing: It outlines electrical testing procedures (short, open, dielectric).
️· Connector Details: Detailed specifications are provided for each connector (3.5ST Male and RCA Male) including tray dimensions, molding type, and insulation color.
️· Cable Specifications: Cable length (1500mm), outer diameter (2.8mm - 5.6mm), and material composition.
️· Repeated Sections: There are duplicate sections and the final section is cut off, suggesting a possible issue with the scanned copy.
SUMMARY:
The AK243-025-R is a 1500mm (approximately 59 inches) stereo audio cable with a 3.5mm male connector on one end and two RCA male connectors on the other. The cable is constructed using PVC and LD-PE insulation, with nickel-plated components. It undergoes electrical testing to ensure proper function, and it is RoHS compliant. The provided document details the dimensions, materials, and testing procedures related to the cable.
Important Note: The document is incomplete and has repeating sections.
If you have a complete, uncropped copy, I can provide a more comprehensive summary.
What I See:
️· Document Type: Technical specification/drawing for an electrical cable.
️· Cable Type: Stereo connection cable, specifically a 3.5ST Male to 2x RCA Male cable.
️· Part Number: AK243-025-R
️· Revisions: "rev00" indicates this is the initial revision.
️· Units: The document primarily uses millimeters (MM) for measurements.
️· Materials: It lists various materials used in construction, including PVC, LD-PE, and nickel-plated components.
️· Electrical Testing: It outlines electrical testing procedures (short, open, dielectric).
️· Connector Details: Detailed specifications are provided for each connector (3.5ST Male and RCA Male) including tray dimensions, molding type, and insulation color.
️· Cable Specifications: Cable length (1500mm), outer diameter (2.8mm - 5.6mm), and material composition.
️· Repeated Sections: There are duplicate sections and the final section is cut off, suggesting a possible issue with the scanned copy.
SUMMARY:
The AK243-025-R is a 1500mm (approximately 59 inches) stereo audio cable with a 3.5mm male connector on one end and two RCA male connectors on the other. The cable is constructed using PVC and LD-PE insulation, with nickel-plated components. It undergoes electrical testing to ensure proper function, and it is RoHS compliant. The provided document details the dimensions, materials, and testing procedures related to the cable.
Important Note: The document is incomplete and has repeating sections.
| Part No. | AK243-025-R |
| Manufacturer | ASSMANN |
| Size | 81 Kbytes |
| Pages | 1 page |
| Description | Stereo Connection Cable - 2.5 Meters |