| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RA0026F_15 Datasheet
# Example questions:
➢ What is the maximum average rectified forward current this rectifier assembly can handle at a case temperature of 55°c?
➢ What are the available voltage options for the sda669 series, and what is the peak repetitive reverse voltage for the sda669k model?
➢ Besides straight leads, what other lead bend configurations are available for the ‘__’ (leaded) packages?
# SDA669 Series Bridge Rectifier
## Key Features
️· Up to 1000V Blocking Voltage
️· 30 Amps Average Output Current
️· Low Reverse Leakage Current
️· Void-Free, Hermetically Sealed Discretes
️· Aluminum Case for Thermal Conductivity
️· Small Package Size: 1.500” x 0.875” x 0.310”
️· TX, TXV, and Space Level Screening Available
️· Ultra Fast (70ns) Versions Available
️· Custom Lead Bend Options
## Electrical Characteristics
️· Peak Repetitive Reverse Voltage (VRRM): 600V, 800V, 1000V (depending on model)
️· Average Rectified Forward Current (Io): 30 Amps @ TC = 55°C (derate at 0.316A/°C for TC > 55°C)
️· Peak Surge Current (IFSM): 125 Amps
️· Instantaneous Forward Voltage Drop (VF): 1.15V (IF = 3A), 1.30V (IF = 9A)
️· Reverse Leakage Current (IR): 5 µA (TA = 25°C), 60 µA (TA = 100°C)
️· Reverse Recovery Time (tRR): 250-325 nsec
## Operating Parameters
️· Operating & Storage Temperature (Top & Tstg): -55°C to +150°C
️· Thermal Resistance (RƟJC): 2.0 °C/W
## Available Models & Options
️· Voltage: 600V (J), 800V (K), 1000V (M)
️· Screening Levels: TX, TXV, S
️· Lead Bend: Straight, Up Bend (UB), Down Bend (DB)
️· Terminals: Copper Leads, Turret Terminals (T)
️· Available Part Numbers (Examples):
- SDA669JF, SDA669JFT, SDA669RJF, SDA669RJFT, SDA669JFUB, SDA669JFDB, SDA669RJFUB, SDA669RJFDB
- SDA669KF, SDA669KFT, SDA669RKF, SDA669RKFT, SDA669KFUB, SDA669KFDB, SDA669RKFUB, SDA669RKFDB
- SDA669MF, SDA669MFT, SDA669RMF, SDA669RMFT, SDA669MFUB, SDA669MFDB, SDA669RMFUB, SDA669RMFDB
# SDA669 Series Bridge Rectifier
## Key Features
️· Up to 1000V Blocking Voltage
️· 30 Amps Average Output Current
️· Low Reverse Leakage Current
️· Void-Free, Hermetically Sealed Discretes
️· Aluminum Case for Thermal Conductivity
️· Small Package Size: 1.500” x 0.875” x 0.310”
️· TX, TXV, and Space Level Screening Available
️· Ultra Fast (70ns) Versions Available
️· Custom Lead Bend Options
## Electrical Characteristics
️· Peak Repetitive Reverse Voltage (VRRM): 600V, 800V, 1000V (depending on model)
️· Average Rectified Forward Current (Io): 30 Amps @ TC = 55°C (derate at 0.316A/°C for TC > 55°C)
️· Peak Surge Current (IFSM): 125 Amps
️· Instantaneous Forward Voltage Drop (VF): 1.15V (IF = 3A), 1.30V (IF = 9A)
️· Reverse Leakage Current (IR): 5 µA (TA = 25°C), 60 µA (TA = 100°C)
️· Reverse Recovery Time (tRR): 250-325 nsec
## Operating Parameters
️· Operating & Storage Temperature (Top & Tstg): -55°C to +150°C
️· Thermal Resistance (RƟJC): 2.0 °C/W
## Available Models & Options
️· Voltage: 600V (J), 800V (K), 1000V (M)
️· Screening Levels: TX, TXV, S
️· Lead Bend: Straight, Up Bend (UB), Down Bend (DB)
️· Terminals: Copper Leads, Turret Terminals (T)
️· Available Part Numbers (Examples):
- SDA669JF, SDA669JFT, SDA669RJF, SDA669RJFT, SDA669JFUB, SDA669JFDB, SDA669RJFUB, SDA669RJFDB
- SDA669KF, SDA669KFT, SDA669RKF, SDA669RKFT, SDA669KFUB, SDA669KFDB, SDA669RKFUB, SDA669RKFDB
- SDA669MF, SDA669MFT, SDA669RMF, SDA669RMFT, SDA669MFUB, SDA669MFDB, SDA669RMFUB, SDA669RMFDB
| Part No. | RA0026F_15 |
| Manufacturer | SSDI |
| Size | 142 Kbytes |
| Pages | 2 pages |
| Description | THREE PHASE BRIDGE RECTIFIER ASSEMBLY |