Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA157GA0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BA157GA0 Datasheet

  • # Example questions: ➢ What is the difference in maximum average forward rectified current between the ba157g, ba158g, and ba159g?
    ➢ What does the prefix 'h' indicate for the ba15xg part number?
    ➢ What is the typical junction capacitance (cj) for the ba157g, ba158g, and ba159g, and in what unit is it measured?

  • Part No.BA157GA0
    ManufacturerTSC
    Size376 Kbytes
    Pages4 pages
    DescriptionGlass Passivated Fast Recovery Rectifiers
    Datasheet Summary with AI

    # BA157G thru BA159G

    ## Taiwan Semiconductor

    Glass Passivated Fast Recovery Rectifiers

    Features:

    ️· Glass passivated chip junction
    ️· High current capability, Low VF
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss, high efficiency
    ️· Compliant to RoHS Directive 2011/65/EU and WEEE 2002/96/EC
    ️· Halogen-free (IEC 61249-2-21 definition)

    Electrical Characteristics: (TA=25℃)

    Parameter Symbol BA157G BA158G BA159G Unit
    Maximum Repetitive Peak Reverse Voltage VRRM 400 600 1000 V
    Maximum RMS Voltage VRMS 280 420 700 V
    Maximum DC Blocking Voltage VDC 400 600 1000 V
    Maximum Average Forward Rectified Current IF(AV) 1 1 1 A
    Peak Forward Surge Current IFSM 30 30 30 A
    Max. Instantaneous Forward Voltage (@ 1A) VF 1.2 1.2 1.2 V
    Max. Reverse Current (@ rated VR) IR 5µA / 100µA 5µA / 100µA 5µA / 100µA µA
    Maximum Reverse Recovery Time Trr 150ns / 250ns 150ns 250ns ns
    Typical Junction Capacitance Cj 15pF 15pF 15pF pF
    Typical Thermal Resistance RθJA 60°C/W 60°C/W 60°C/W °C/W
    Operating Junction Temperature TJ -55 to +150°C -55 to +150°C -55 to +150°C °C

    Mechanical Data:

    ️· Case: DO-204AL (DO-41)
    ️· Weight: 0.33 g (approximately)
    ️· Matte tin plated leads, solderable per JESD22-B102
    ️· UL flammability rating: 94V-0

    Ordering Information:

    ️· Suffix "G": Green compound (halogen-free)
    ️· Prefix "H": AEC-Q101 qualified
    ️· Packing Options:
    - Ammo box (52mm taping): 3,000 units
    - 13" Paper reel: 5,000 units
    - Bulk packing: 1,000 units

    Marking Diagram:

    ️· P/N = Specific Device Code
    ️· G = Green Compound
    ️· YWW = Date Code
    ️· F = Factory Code

    # BA157G thru BA159G

    ## Taiwan Semiconductor

    Glass Passivated Fast Recovery Rectifiers

    Features:

    ️· Glass passivated chip junction
    ️· High current capability, Low VF
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss, high efficiency
    ️· Compliant to RoHS Directive 2011/65/EU and WEEE 2002/96/EC
    ️· Halogen-free (IEC 61249-2-21 definition)

    Electrical Characteristics: (TA=25℃)

    Parameter Symbol BA157G BA158G BA159G Unit
    Maximum Repetitive Peak Reverse Voltage VRRM 400 600 1000 V
    Maximum RMS Voltage VRMS 280 420 700 V
    Maximum DC Blocking Voltage VDC 400 600 1000 V
    Maximum Average Forward Rectified Current IF(AV) 1 1 1 A
    Peak Forward Surge Current IFSM 30 30 30 A
    Max. Instantaneous Forward Voltage (@ 1A) VF 1.2 1.2 1.2 V
    Max. Reverse Current (@ rated VR) IR 5µA / 100µA 5µA / 100µA 5µA / 100µA µA
    Maximum Reverse Recovery Time Trr 150ns / 250ns 150ns 250ns ns
    Typical Junction Capacitance Cj 15pF 15pF 15pF pF
    Typical Thermal Resistance RθJA 60°C/W 60°C/W 60°C/W °C/W
    Operating Junction Temperature TJ -55 to +150°C -55 to +150°C -55 to +150°C °C

    Mechanical Data:

    ️· Case: DO-204AL (DO-41)
    ️· Weight: 0.33 g (approximately)
    ️· Matte tin plated leads, solderable per JESD22-B102
    ️· UL flammability rating: 94V-0

    Ordering Information:

    ️· Suffix "G": Green compound (halogen-free)
    ️· Prefix "H": AEC-Q101 qualified
    ️· Packing Options:
    - Ammo box (52mm taping): 3,000 units
    - 13" Paper reel: 5,000 units
    - Bulk packing: 1,000 units

    Marking Diagram:

    ️· P/N = Specific Device Code
    ️· G = Green Compound
    ️· YWW = Date Code
    ️· F = Factory Code

    Part No.BA157GA0
    ManufacturerTSC
    Size376 Kbytes
    Pages4 pages
    DescriptionGlass Passivated Fast Recovery Rectifiers