Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RU0089F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RU0089F_15 Datasheet

  • # Example questions: ➢ What are the pin assignments for the to-254 package?
    ➢ What is the peak repetitive reverse voltage for the sdr647 rectifier?
    ➢ What is the maximum operating junction temperature for these rectifiers?

  • Part No.RU0089F_15
    ManufacturerSSDI
    Size135 Kbytes
    Pages3 pages
    DescriptionULTRA FAST CENTERTAP RECTIFIER
    Datasheet Summary with AI

    # SDR646CTM, Z, & J thru SDR647CTM, Z, & J

    ## 40 Amp ULTRAFAST CENTERTAP RECTIFIER 600-700 Volts 60 nsec

    | Maximum Ratings | Symbol | Value | Units |
    |---|---|---|---|
    | Peak Repetitive Reverse Voltage<br> SDR646<br> SDR647 | VRRM<br>VRWM<br>VR | 600<br>700 | Volts |
    | Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TC = 25°C) | Io | 40 | Amps |
    | Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 °C) | IFSM | 400 | Amps |
    | Operating & Storage Temperature | TOP & TSTG | -65 to +200 | ºC |
    | Maximum Total Thermal Resistance <br> Junction to Case | RθJC | 2.0<br>3.5 | ºC/W |

    ## Electrical Characteristics

    | Electrical Characteristic | Symbol | Min | Max | Units |
    |---|---|---|---|---|
    | Instantaneous Forward Voltage Drop (TA = 25ºC, 300µsec Pulse)<br> IF = 10A<br> IF = 20 A | VF1<br>VF2 | ––<br>–– | 1.28<br>1.50 | VDC |
    | Instantaneous Forward Voltage Drop <br> (TA = -55 ºC)<br> (TA = 100 ºC) | VF3<br>VF4 | –– | 1.35<br>1.17 | VDC |
    | Reverse Leakage Current (80% of rated VR, 300µs pulse min.) <br> TA = 25 ºC <br> TA = 100 ºC | IR1<br>IR2 | ––<br>–– | 50<br>5.0 | µA/mA |
    | Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC) | tRR | –– | 60 | nsec |

    | Junction Capacitance (VR = 10VDC, TA = 25ºC, f = 1MHz) | CJ | –– | 70 | pF |

    ## Available Part Numbers & Pin Assignment

    ️· SDR646CTM, SDR646CTZ, SDR646CTJ
    ️· SDR647CTM, SDR647CTZ, SDR647CTJ

    | Package | Pin 1 | Pin 2 | Pin 3 |
    |---|---|---|---|
    | TO-254 (M) | Anode 1 | Cathode | Anode 2 |
    | TO-254Z (Z) | Anode 1 | Cathode | Anode 2 |
    | TO-257 (J) | Anode 1 | Cathode | Anode 2 |

    Notes:

    1. For Ordering Information, Price, and Availability Contact Factory.
    2. Screened to MIL-PRF-19500.
    3. Both Legs Tied Together.
    4. Per Leg.

    # SDR646CTM, Z, & J thru SDR647CTM, Z, & J

    ## 40 Amp ULTRAFAST CENTERTAP RECTIFIER 600-700 Volts 60 nsec

    Maximum Ratings Symbol Value Units
    Peak Repetitive Reverse Voltage<br> SDR646<br> SDR647 VRRM<br>VRWM<br>VR 600<br>700 Volts
    Average Rectified Forward Current (Resistive Load, 60 Hz Sine Wave, TC = 25°C) Io 40 Amps
    Peak Surge Current (8.3 ms Pulse, Half Sine Wave, TA = 25 °C) IFSM 400 Amps
    Operating & Storage Temperature TOP & TSTG -65 to +200 ºC
    Maximum Total Thermal Resistance <br> Junction to Case RθJC 2.0<br>3.5 ºC/W

    ## Electrical Characteristics

    Electrical Characteristic Symbol Min Max Units
    Instantaneous Forward Voltage Drop (TA = 25ºC, 300µsec Pulse)<br> IF = 10A<br> IF = 20 A VF1<br>VF2 ––<br>–– 1.28<br>1.50 VDC
    Instantaneous Forward Voltage Drop <br> (TA = -55 ºC)<br> (TA = 100 ºC) VF3<br>VF4 –– 1.35<br>1.17 VDC
    Reverse Leakage Current (80% of rated VR, 300µs pulse min.) <br> TA = 25 ºC <br> TA = 100 ºC IR1<br>IR2 ––<br>–– 50<br>5.0 µA/mA
    Reverse Recovery Time (IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC) tRR –– 60 nsec
    Junction Capacitance (VR = 10VDC, TA = 25ºC, f = 1MHz) CJ –– 70 pF

    ## Available Part Numbers & Pin Assignment

    ️· SDR646CTM, SDR646CTZ, SDR646CTJ
    ️· SDR647CTM, SDR647CTZ, SDR647CTJ

    Package Pin 1 Pin 2 Pin 3
    TO-254 (M) Anode 1 Cathode Anode 2
    TO-254Z (Z) Anode 1 Cathode Anode 2
    TO-257 (J) Anode 1 Cathode Anode 2

    Notes:

    1. For Ordering Information, Price, and Availability Contact Factory.
    2. Screened to MIL-PRF-19500.
    3. Both Legs Tied Together.
    4. Per Leg.

    Part No.RU0089F_15
    ManufacturerSSDI
    Size135 Kbytes
    Pages3 pages
    DescriptionULTRA FAST CENTERTAP RECTIFIER