| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
# LD2500 – LD2506 Diode
## Features
· Diffused Junction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA
## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Terminals: Readily Solderable
· Polarity: Cathode to Case (Reverse polarity units available with "R" suffix: LD2502R, LD2504R)
· Color: Red = Standard, Black = Reverse Polarity
· Mounting: Any position
· Lead Free Option: Add "-LF" suffix to part number
## Dimensions (mm)
· A: 10.07 – 10.16
· B: 8.20 – 8.60
· C: 1.25 – 1.31
· D: 26.00
· E: 9.40 – 9.60
## Maximum Ratings & Electrical Characteristics (@TA=25°C)
| Characteristic | Symbol | LD2500 | LD2501 | LD2502 | LD2503 | LD2504 | LD2505 | LD2506 | Unit |
|---|---|---|---|---|---|---|---|---|---|
| Peak Repetitive Reverse Voltage | VRRM | 50 | 100 | 200 | 300 | 400 | 500 | 600 | V |
| Working Peak Reverse Voltage | VRWM | - | - | - | - | - | - | - | V |
| DC Blocking Voltage | VR | - | - | - | - | - | - | - | V |
| RMS Reverse Voltage | VR(RMS) | 35 | 70 | 140 | 210 | 280 | 350 | 420 | V |
| Average Forward Current | IO | 25 | 25 | 25 | 25 | 25 | 25 | 25 | A |
| Peak Forward Surge Current | IFSM | 300 | 300 | 300 | 300 | 300 | 300 | 300 | A |
| Forward Voltage (@IF=25A) | VFM | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | V |
| Peak Reverse Current (@TA=25°C) | IRM | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | µA |
| Typical Junction Capacitance | CJ | 300 | 300 | 300 | 300 | 300 | 300 | 300 | pF |
| Thermal Resistance | RθJC | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | °C/W |
| Operating Temp. Range | TJ | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | °C |
# LD2500 – LD2506 Diode
## Features
· Diffused Junction
· Low Leakage
· Low Cost
· High Surge Current Capability
· Typical IR less than 5.0µA
## Mechanical Data
· Case: 10mm Lucas Type Press-Fit
· Terminals: Readily Solderable
· Polarity: Cathode to Case (Reverse polarity units available with "R" suffix: LD2502R, LD2504R)
· Color: Red = Standard, Black = Reverse Polarity
· Mounting: Any position
· Lead Free Option: Add "-LF" suffix to part number
## Dimensions (mm)
· A: 10.07 – 10.16
· B: 8.20 – 8.60
· C: 1.25 – 1.31
· D: 26.00
· E: 9.40 – 9.60
## Maximum Ratings & Electrical Characteristics (@TA=25°C)
| Characteristic | Symbol | LD2500 | LD2501 | LD2502 | LD2503 | LD2504 | LD2505 | LD2506 | Unit |
|---|---|---|---|---|---|---|---|---|---|
| Peak Repetitive Reverse Voltage | VRRM | 50 | 100 | 200 | 300 | 400 | 500 | 600 | V |
| Working Peak Reverse Voltage | VRWM | - | - | - | - | - | - | - | V |
| DC Blocking Voltage | VR | - | - | - | - | - | - | - | V |
| RMS Reverse Voltage | VR(RMS) | 35 | 70 | 140 | 210 | 280 | 350 | 420 | V |
| Average Forward Current | IO | 25 | 25 | 25 | 25 | 25 | 25 | 25 | A |
| Peak Forward Surge Current | IFSM | 300 | 300 | 300 | 300 | 300 | 300 | 300 | A |
| Forward Voltage (@IF=25A) | VFM | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | V |
| Peak Reverse Current (@TA=25°C) | IRM | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | 5.0 | µA |
| Typical Junction Capacitance | CJ | 300 | 300 | 300 | 300 | 300 | 300 | 300 | pF |
| Thermal Resistance | RθJC | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | 1.2 | °C/W |
| Operating Temp. Range | TJ | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | -65 to +175 | °C |
| Part No. | LD2500 |
| Manufacturer | WTE |
| Size | 32 Kbytes |
| Pages | 2 pages |
| Description | 25A LUCAS TYPE PRESS-FIT DIODE |