Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

701912-C1I75 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 701912-C1I75 Datasheet

  • # Example questions: ➢ What ingress protection rating does the highliner 2 have, and what does this indicate about its suitability for different environments?
    ➢ What is the operating temperature range for the highliner 2 lighting system?
    ➢ How many highliner 2 lights can a single 100w power supply drive?

  • Part No.701912-C1I75
    ManufacturerETC2
    Size772 Kbytes
    Pages2 pages
    DescriptionLED lighting for Indoor & Outdoor
    Datasheet Summary with AI

    # HighLINER 2
    ## _LED lighting for Indoor & Outdoor_

    Overview
    HighLINER 2 is designed as a replacement for fluorescent lighting in various applications like coolers, stock rooms, wall washes, soffits, and canopies. It's intended for easy installation and offers energy savings and reduced maintenance.

    ## Features

    · Energy Savings: Saves up to 64% energy compared to fluorescent fixtures.
    · Co-extruded Housing: Uses two materials (opaque white and diffused lens) for improved sealing and light diffusion.
    · Wire Channel & Cover: Simplifies wiring and hides power connections.
    · Optional Dimming & Motion Sensing: Supports dimming and motion sensor integration (requires separate controls).

    ## Specifications

    Electrical
    · Input Voltage: 100-240 VAC, 50-60 Hz
    · Output Voltage: 24 VDC, Class 2
    · Input Power: 4' - 17W (System), 14.4W (Luminaire); 1' - 4W (System), 3.6W (Luminaire)
    · System Efficacy: 105 lm/W

    Lighting
    · Light Output: 4' - 1792 lumens; 1' - 448 lumens
    · Light Distribution: Linear
    · Color Temperature: 5000K
    · Color Rendering Index (CRI): 80

    Performance
    · Ingress Protection: IP66 (suitable for wet locations)
    · Operating Temperature: -25°C to 50°C
    · Life Rating: 100,000 hours (L70)

    Construction
    · Housing: Acrylic, UV stabilized
    · Color: White

    Mounting
    · Included: Mounting clips (3 for 4', 2 for 1') and wire nut housings (2 of each size).

    ## Ordering Information

    Product Part Number
    4′ HighLINER 2 701912-C1I75
    1′ HighLINER 2 701912-L1C1I75
    ## Accessories and Controls

    · Power Supplies: 100W (Part Number: 701895-24C) - One power supply can drive up to six lights.
    · Dimming Controller: 701890-PWR
    · Occupancy Sensor (Standard): 400661
    · Occupancy Sensor (Wide Angle): 400964

    ## Dimensions & Weight

    · 4' HighLINER 2: 45.70″ × 2.38″ × 1.12″, Weight: 1.06 lbs
    · 1' HighLINER 2: 11.98″ × 2.38″ × 1.12″, Weight: 0.25 lbs

    # HighLINER 2
    ## _LED lighting for Indoor & Outdoor_

    Overview
    HighLINER 2 is designed as a replacement for fluorescent lighting in various applications like coolers, stock rooms, wall washes, soffits, and canopies. It's intended for easy installation and offers energy savings and reduced maintenance.

    ## Features

    · Energy Savings: Saves up to 64% energy compared to fluorescent fixtures.
    · Co-extruded Housing: Uses two materials (opaque white and diffused lens) for improved sealing and light diffusion.
    · Wire Channel & Cover: Simplifies wiring and hides power connections.
    · Optional Dimming & Motion Sensing: Supports dimming and motion sensor integration (requires separate controls).

    ## Specifications

    Electrical
    · Input Voltage: 100-240 VAC, 50-60 Hz
    · Output Voltage: 24 VDC, Class 2
    · Input Power: 4' - 17W (System), 14.4W (Luminaire); 1' - 4W (System), 3.6W (Luminaire)
    · System Efficacy: 105 lm/W

    Lighting
    · Light Output: 4' - 1792 lumens; 1' - 448 lumens
    · Light Distribution: Linear
    · Color Temperature: 5000K
    · Color Rendering Index (CRI): 80

    Performance
    · Ingress Protection: IP66 (suitable for wet locations)
    · Operating Temperature: -25°C to 50°C
    · Life Rating: 100,000 hours (L70)

    Construction
    · Housing: Acrylic, UV stabilized
    · Color: White

    Mounting
    · Included: Mounting clips (3 for 4', 2 for 1') and wire nut housings (2 of each size).

    ## Ordering Information

    Product Part Number
    4′ HighLINER 2 701912-C1I75
    1′ HighLINER 2 701912-L1C1I75
    ## Accessories and Controls

    · Power Supplies: 100W (Part Number: 701895-24C) - One power supply can drive up to six lights.
    · Dimming Controller: 701890-PWR
    · Occupancy Sensor (Standard): 400661
    · Occupancy Sensor (Wide Angle): 400964

    ## Dimensions & Weight

    · 4' HighLINER 2: 45.70″ × 2.38″ × 1.12″, Weight: 1.06 lbs
    · 1' HighLINER 2: 11.98″ × 2.38″ × 1.12″, Weight: 0.25 lbs

    Part No.701912-C1I75
    ManufacturerETC2
    Size772 Kbytes
    Pages2 pages
    DescriptionLED lighting for Indoor & Outdoor
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com