| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CONSMA011 Datasheet
# Example questions:
➢ What type of cable is this connector designed to be crimped onto?
➢ Which material is used for the connector's insulation?
➢ What tool size is recommended for crimping the ring onto the rg-174 cable?
# SMA Female Cable End - RG174 Crimp
## Product Description
️· Connector type: SMA Female
️· Designed for RG-174 cable
️· Part No.: CONSMA011
️· Dimensions: Inches (mm)
️· Revision: 1.0
️· Date: 6/2/2006
️· Sheet: 1 of 1
## Materials & Finishes
️· Body: Brass, Nickel finish
️· Socket: Brass, Gold finish
️· Insulation: Teflon
️· Crimp Ring: Brass, Nickel finish
## Assembly Instructions
1. Solder the socket to the center conductor.
2. Insert the socket, center conductor, and insulator into the body.
3. Wrap the braid around the tail of the body and crimp the ring using a 0.137" hex crimp tool (or one labeled for RG-174 cable).
## Dimensions (Inches/mm)
️· Overall Length: 0.571" (14.50)
️· Pin Chuck: 0.2x2x2 Groove
️· Length: 0.244" (6.20)
️· Diameter: Ø0.049" (1.25)
️· Length: 0.276" (7.00)
️· Diameter: Ø0.154" (3.90)
️· Length: 0.197" (5.00)
️· Length: 0.252" (6.40)
️· Width: 0.122" (3.10)
️· Diameter: Ø0.102" (2.60)
️· Length: 0.248" (6.30)
️· Threads: 1/4-36UNS-2B
️· Diameter: Ø0.209" (5.30)
## Contact Information
️· Connector City: 159 Ort Lane, Merlin, OR 97532
️· Phone: (541)-471-6256
️· Fax: (541)-471-6251
# SMA Female Cable End - RG174 Crimp
## Product Description
️· Connector type: SMA Female
️· Designed for RG-174 cable
️· Part No.: CONSMA011
️· Dimensions: Inches (mm)
️· Revision: 1.0
️· Date: 6/2/2006
️· Sheet: 1 of 1
## Materials & Finishes
️· Body: Brass, Nickel finish
️· Socket: Brass, Gold finish
️· Insulation: Teflon
️· Crimp Ring: Brass, Nickel finish
## Assembly Instructions
1. Solder the socket to the center conductor.
2. Insert the socket, center conductor, and insulator into the body.
3. Wrap the braid around the tail of the body and crimp the ring using a 0.137" hex crimp tool (or one labeled for RG-174 cable).
## Dimensions (Inches/mm)
️· Overall Length: 0.571" (14.50)
️· Pin Chuck: 0.2x2x2 Groove
️· Length: 0.244" (6.20)
️· Diameter: Ø0.049" (1.25)
️· Length: 0.276" (7.00)
️· Diameter: Ø0.154" (3.90)
️· Length: 0.197" (5.00)
️· Length: 0.252" (6.40)
️· Width: 0.122" (3.10)
️· Diameter: Ø0.102" (2.60)
️· Length: 0.248" (6.30)
️· Threads: 1/4-36UNS-2B
️· Diameter: Ø0.209" (5.30)
## Contact Information
️· Connector City: 159 Ort Lane, Merlin, OR 97532
️· Phone: (541)-471-6256
️· Fax: (541)-471-6251
| Part No. | CONSMA011 |
| Manufacturer | ETC2 |
| Size | 152 Kbytes |
| Pages | 1 page |
| Description | SMA FEMALE CABLE END CRIMP FOR RG174 CABLE |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |