| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ML4870ES-5 Datasheet
# Example questions:
➢ What is the typical inductor value recommended for the ml4870, and what factors should be considered when selecting an inductor?
➢ How does the ml4870 achieve low power consumption at light loads, and what is the typical supply current drawn when the circuit is not switching?
➢ What is the primary benefit of using a synchronous rectifier in the ml4870 compared to a traditional schottky diode?
1. General Description & Functionality:
️· What it is: The ML4870 is a variable frequency, current-mode boost converter. It’s designed to efficiently convert an input voltage to a higher output voltage.
️· Key Features:
- Synchronous Rectification: Uses an on-chip P-channel MOSFET (Q2) instead of a Schottky diode for improved efficiency.
- Current Mode Control: Allows for the use of a small, high-frequency inductor and output capacitor.
- Variable Frequency: Adapts to different load conditions for optimal performance.
- Low Current Draw in Shutdown: Draws only 25µA from the output when disabled.
- High Efficiency: Maintains efficiency over a wide range of load currents.
- Load Disconnect: SHDN pin can isolate the output from the input.
️· Application: Designed for applications requiring a boosted voltage, emphasizing efficiency and compact size.
2. Operation:
️· Current-Mode Control: The controller compares the inductor current (measured via a resistor, Rsense) to a reference current (ISET, derived from the desired output voltage). It switches the main MOSFET (Q1) on and off to maintain this comparison.
️· Synchronous Rectification Role: When Q1 turns off, the inductor’s current causes the output voltage to rise. The on-chip PMOS transistor (Q2) acts as a low-dropout diode, enhancing efficiency.
️· Shutdown: Pulling the SHDN pin high disables the converter, disconnects the output from the input, and reduces power consumption.
3. Key Design Considerations:
️· Output Current Capability: Limited by the inductor current (approx. 2.4A, which impacts the actual output current). Formulas are provided to estimate the maximum output current based on input voltage and efficiency. It's not recommended to continuously operate at maximum output current.
️· Inductor Selection:
- Value: Generally, 10µH is recommended, but a range of 5µH to 33µH is acceptable.
- Rating: Must be rated to handle peak currents (at least 1.5A) without saturation.
- Resistance: Winding resistance should be low (5-10mΩ per µH).
- Manufacturers: Coilcraft, Coiltronics, Dale, and Sumida are recommended suppliers.
️· Temperature range: 0°C to 70°C for 3.3V & 5V
4. Electrical Characteristics (Summary of important specs):
️· The datasheet lists detailed electrical characteristics, including:
- Supply Voltage Range
- Output Voltage Accuracy
- Quiescent Current
- Switching Frequency
- Reference Currents (ISET)
- Various Amplification factors
5. Functional Block Diagram (as presented in the text):
️· Error Amp (A3) converts desired output voltage to a current (ISET).
️· Inductor current is measured via Rsense and amplified (A1).
️· Control Block switches Q1.
️· A2, Q2 form a low-dropout diode for efficiency.
️· SHDN pin provides shutdown capability.
6. Figures & Waveforms:
️· Figure 2: Block diagram of the boost converter with external components.
️· Figure 2: Waveforms of Inductor current and Voltage.
️· Graphs showing output voltage vs. temperature range.
Important Notes & Cautions:
️· This is a highly technical document. Proper electrical engineering knowledge and experience are *required* to design and implement circuits using the ML4870.
️· Component Selection: Careful selection of external components (inductor, capacitors, resistors) is critical for achieving optimal performance and reliability. Refer to the datasheet for recommended values and specifications.
️· Thermal Management: Boost converters generate heat. Proper thermal management (heat sinks, airflow) is essential to prevent overheating and ensure reliable operation.
️· Layout Considerations: The printed circuit board (PCB) layout can significantly impact performance. Pay attention to trace impedance, component placement, and grounding.
️· Safety Precautions: Always follow proper safety precautions when working with electrical circuits.
️· Limited Guarantees: This datasheet describes the typical performance of the ML4870. Actual performance may vary depending on operating conditions and component selection.
1. General Description & Functionality:
️· What it is: The ML4870 is a variable frequency, current-mode boost converter. It’s designed to efficiently convert an input voltage to a higher output voltage.
️· Key Features:
- Synchronous Rectification: Uses an on-chip P-channel MOSFET (Q2) instead of a Schottky diode for improved efficiency.
- Current Mode Control: Allows for the use of a small, high-frequency inductor and output capacitor.
- Variable Frequency: Adapts to different load conditions for optimal performance.
- Low Current Draw in Shutdown: Draws only 25µA from the output when disabled.
- High Efficiency: Maintains efficiency over a wide range of load currents.
- Load Disconnect: SHDN pin can isolate the output from the input.
️· Application: Designed for applications requiring a boosted voltage, emphasizing efficiency and compact size.
2. Operation:
️· Current-Mode Control: The controller compares the inductor current (measured via a resistor, Rsense) to a reference current (ISET, derived from the desired output voltage). It switches the main MOSFET (Q1) on and off to maintain this comparison.
️· Synchronous Rectification Role: When Q1 turns off, the inductor’s current causes the output voltage to rise. The on-chip PMOS transistor (Q2) acts as a low-dropout diode, enhancing efficiency.
️· Shutdown: Pulling the SHDN pin high disables the converter, disconnects the output from the input, and reduces power consumption.
3. Key Design Considerations:
️· Output Current Capability: Limited by the inductor current (approx. 2.4A, which impacts the actual output current). Formulas are provided to estimate the maximum output current based on input voltage and efficiency. It's not recommended to continuously operate at maximum output current.
️· Inductor Selection:
- Value: Generally, 10µH is recommended, but a range of 5µH to 33µH is acceptable.
- Rating: Must be rated to handle peak currents (at least 1.5A) without saturation.
- Resistance: Winding resistance should be low (5-10mΩ per µH).
- Manufacturers: Coilcraft, Coiltronics, Dale, and Sumida are recommended suppliers.
️· Temperature range: 0°C to 70°C for 3.3V & 5V
4. Electrical Characteristics (Summary of important specs):
️· The datasheet lists detailed electrical characteristics, including:
- Supply Voltage Range
- Output Voltage Accuracy
- Quiescent Current
- Switching Frequency
- Reference Currents (ISET)
- Various Amplification factors
5. Functional Block Diagram (as presented in the text):
️· Error Amp (A3) converts desired output voltage to a current (ISET).
️· Inductor current is measured via Rsense and amplified (A1).
️· Control Block switches Q1.
️· A2, Q2 form a low-dropout diode for efficiency.
️· SHDN pin provides shutdown capability.
6. Figures & Waveforms:
️· Figure 2: Block diagram of the boost converter with external components.
️· Figure 2: Waveforms of Inductor current and Voltage.
️· Graphs showing output voltage vs. temperature range.
Important Notes & Cautions:
️· This is a highly technical document. Proper electrical engineering knowledge and experience are *required* to design and implement circuits using the ML4870.
️· Component Selection: Careful selection of external components (inductor, capacitors, resistors) is critical for achieving optimal performance and reliability. Refer to the datasheet for recommended values and specifications.
️· Thermal Management: Boost converters generate heat. Proper thermal management (heat sinks, airflow) is essential to prevent overheating and ensure reliable operation.
️· Layout Considerations: The printed circuit board (PCB) layout can significantly impact performance. Pay attention to trace impedance, component placement, and grounding.
️· Safety Precautions: Always follow proper safety precautions when working with electrical circuits.
️· Limited Guarantees: This datasheet describes the typical performance of the ML4870. Actual performance may vary depending on operating conditions and component selection.
| Part No. | ML4870ES-5 |
| Manufacturer | MICRO-LINEAR |
| Size | 211 Kbytes |
| Pages | 8 pages |
| Description | High Current Boost Regulator with Load Disconnect |