Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE44192 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE44192 Datasheet

  • # Example questions: ➢ What cable types are specifically compatible with this connector, as listed in the documentation?
    ➢ What is the stated weight of this connector in both pounds and grams?
    ➢ What is the operating temperature range for this rt sma female connector?

  • Part No.PE44192
    ManufacturerPASTERNACK
    Size217 Kbytes
    Pages2 pages
    DescriptionRT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
    Datasheet Summary with AI

    # RT SMA Female Connector - PE44192

    ## Technical Specifications
    ️· Connector Type: SMA Female, Reverse Thread
    ️· Connector Specification: MIL-C-39012
    ️· Interface Type: RG174, RG316, RG188
    ️· Attachment Method: Crimp/Solder
    ️· Impedance: 50 Ohms
    ️· Body Style: Straight
    ️· Operating Temperature: -65 to +165 °C
    ️· Dimensions: 0.81 in [20.57 mm] Length, 0.312 in [7.92 mm] Width/Diameter
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Contact Material: Gold
    ️· Contact Plating: MIL-G-45204
    ️· Body Material: Brass, Nickel
    ️· Dielectric Type: Teflon
    ️· RoHS Compliant: Yes

    ## Assembly Instructions
    ️· Contact: Solder

    ️· Ferrules: Requires .128" Hex Crimp Tool
    ️· Cable Compatibility: Fits MIL-C-17 and equivalent cables

    ## Additional Information
    ️· Part Number: PE44192
    ️· CAD File: 070202
    ️· FSCM Number: 53919
    ️· URL: http://www.pasternack.com/sma-female-reverse-thread-rg174-rg316-rg188-connector-pe44192-p.aspx
    ️· Note: All dimensions are nominal and subject to change.

    # RT SMA Female Connector - PE44192

    ## Technical Specifications
    ️· Connector Type: SMA Female, Reverse Thread
    ️· Connector Specification: MIL-C-39012
    ️· Interface Type: RG174, RG316, RG188
    ️· Attachment Method: Crimp/Solder
    ️· Impedance: 50 Ohms
    ️· Body Style: Straight
    ️· Operating Temperature: -65 to +165 °C
    ️· Dimensions: 0.81 in [20.57 mm] Length, 0.312 in [7.92 mm] Width/Diameter
    ️· Weight: 0.008 lbs [3.63 g]
    ️· Contact Material: Gold
    ️· Contact Plating: MIL-G-45204
    ️· Body Material: Brass, Nickel
    ️· Dielectric Type: Teflon
    ️· RoHS Compliant: Yes

    ## Assembly Instructions
    ️· Contact: Solder
    ️· Ferrules: Requires .128" Hex Crimp Tool
    ️· Cable Compatibility: Fits MIL-C-17 and equivalent cables

    ## Additional Information
    ️· Part Number: PE44192
    ️· CAD File: 070202
    ️· FSCM Number: 53919
    ️· URL: http://www.pasternack.com/sma-female-reverse-thread-rg174-rg316-rg188-connector-pe44192-p.aspx
    ️· Note: All dimensions are nominal and subject to change.

    Part No.PE44192
    ManufacturerPASTERNACK
    Size217 Kbytes
    Pages2 pages
    DescriptionRT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188