| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE44903 Datasheet
# Example questions:
➢ Which cable types are specified for use with this connector?
➢ What is the maximum vswr of this tnc connector?
➢ What is the operating temperature range for this connector?
# RP TNC Female Connector - PE44903
## Specifications
️· Connector Type: TNC Female, Reverse Polarity
️· Connector Interface: RG316/U, RG174, LMR-100
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Frequency Range: DC to 3 GHz
️· VSWR: 1.25:1
️· Operating Temperature: -40 to +85 °C
️· Body Style: Straight, Bulkhead Mount
️· Size: 1.12 in (Length) x 0.68 in (Width/Dia.)
️· Contact Material: Phosphor Bronze, Gold Plated (30µ in. minimum)
️· Body Material: Brass, Nickel Plated
️· Dielectric: PTFE
️· Compliance: RoHS Compliant
️· IP Rating: IP 67
## Features
️· Reverse Polarity
️· Bulkhead mountable
️· Crimp/Solder attachment
## Additional Information
️· Part Number: PE44903
️· Availability: 99%
️· Same day shipment available
️· More information and certifications available at: [http://www.pasternack.com/tnc-female-reverse-polarity-rg316-u-rg174-lmr-100-connector-pe44903-p.aspx](http://www.pasternack.com/tnc-female-reverse-polarity-rg316-u-rg174-lmr-100-connector-pe44903-p.aspx)
# RP TNC Female Connector - PE44903
## Specifications
️· Connector Type: TNC Female, Reverse Polarity
️· Connector Interface: RG316/U, RG174, LMR-100
️· Attachment Method: Crimp/Solder
️· Impedance: 50 Ohms
️· Frequency Range: DC to 3 GHz
️· VSWR: 1.25:1
️· Operating Temperature: -40 to +85 °C
️· Body Style: Straight, Bulkhead Mount
️· Size: 1.12 in (Length) x 0.68 in (Width/Dia.)
️· Contact Material: Phosphor Bronze, Gold Plated (30µ in. minimum)
️· Body Material: Brass, Nickel Plated
️· Dielectric: PTFE
️· Compliance: RoHS Compliant
️· IP Rating: IP 67
## Features
️· Reverse Polarity
️· Bulkhead mountable
️· Crimp/Solder attachment
## Additional Information
️· Part Number: PE44903
️· Availability: 99%
️· Same day shipment available
️· More information and certifications available at: [http://www.pasternack.com/tnc-female-reverse-polarity-rg316-u-rg174-lmr-100-connector-pe44903-p.aspx](http://www.pasternack.com/tnc-female-reverse-polarity-rg316-u-rg174-lmr-100-connector-pe44903-p.aspx)
| Part No. | PE44903 |
| Manufacturer | PASTERNACK |
| Size | 413 Kbytes |
| Pages | 3 pages |
| Description | RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated |