Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE45114 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE45114 Datasheet

  • # Example questions: ➢ Which cable types are specifically compatible with this connector based on the interface type?
    ➢ What is the maximum operating voltage for this bnc male connector?
    ➢ What is the vswr rating of this connector within the specified frequency range?

  • Part No.PE45114
    ManufacturerPASTERNACK
    Size356 Kbytes
    Pages3 pages
    DescriptionBNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
    Datasheet Summary with AI

    # BNC Male Connector - PE45114

    ## Technical Specifications
    ️· Connector Type: BNC Male
    ️· Connector Standard: MIL-STD-348A
    ️· Compatible Cables: RG316-DS, RG188-DS
    ️· Attachment Method: Crimp/Solder
    ️· Frequency Range: DC to 4 GHz
    ️· Impedance: 50 Ohms
    ️· Maximum Operating Voltage: 335 Volts
    ️· VSWR: 1.25:1 (DC to 3 GHz)

    ## Mechanical Specifications
    ️· Body Style: Straight
    ️· Length: 1.11 in [28.19 mm]
    ️· Width/Diameter: 0.57 in [14.48 mm]

    ## Materials & Plating
    ️· Contact Material: Brass, Gold Plated (50µ in. minimum)
    ️· Coupling Nut Material: Brass, Nickel Plated (100µ in. minimum)

    ️· Body Material: Brass, Nickel Plated (100µ in. minimum)
    ️· Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant

    ## Additional Information
    ️· Same day shipment available
    ️· 99% product availability
    ️· Available through Pasternack Enterprises
    ️· Further details, pricing, and certifications: [http://www.pasternack.com/bnc-male-rg316-ds-rg188-ds-connector-pe45114-p.aspx](http://www.pasternack.com/bnc-male-rg316-ds-rg188-ds-connector-pe45114-p.aspx)

    # BNC Male Connector - PE45114

    ## Technical Specifications
    ️· Connector Type: BNC Male
    ️· Connector Standard: MIL-STD-348A
    ️· Compatible Cables: RG316-DS, RG188-DS
    ️· Attachment Method: Crimp/Solder
    ️· Frequency Range: DC to 4 GHz
    ️· Impedance: 50 Ohms
    ️· Maximum Operating Voltage: 335 Volts
    ️· VSWR: 1.25:1 (DC to 3 GHz)

    ## Mechanical Specifications
    ️· Body Style: Straight
    ️· Length: 1.11 in [28.19 mm]
    ️· Width/Diameter: 0.57 in [14.48 mm]

    ## Materials & Plating
    ️· Contact Material: Brass, Gold Plated (50µ in. minimum)
    ️· Coupling Nut Material: Brass, Nickel Plated (100µ in. minimum)
    ️· Body Material: Brass, Nickel Plated (100µ in. minimum)
    ️· Dielectric: Teflon

    ## Compliance
    ️· RoHS Compliant

    ## Additional Information
    ️· Same day shipment available
    ️· 99% product availability
    ️· Available through Pasternack Enterprises
    ️· Further details, pricing, and certifications: [http://www.pasternack.com/bnc-male-rg316-ds-rg188-ds-connector-pe45114-p.aspx](http://www.pasternack.com/bnc-male-rg316-ds-rg188-ds-connector-pe45114-p.aspx)

    Part No.PE45114
    ManufacturerPASTERNACK
    Size356 Kbytes
    Pages3 pages
    DescriptionBNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz