| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about US2AF Datasheet
# Example questions:
➢ What is the maximum average forward rectified current for the us2af diode?
➢ What test conditions are used to determine the reverse recovery time?
➢ What is the operating temperature range specified for these diodes?
1. Product Series & Description:
️· Series: US2AF, US2BF, US2DF, US2GF, US2JF, US2KF, US2MF. These are likely rectifier diodes.
️· Type: Axial lead diodes. (Based on the mention of axial leads and the overall product style.)
️· Key Features:
- Low forward voltage drop
- High current capability
- Reliability
- Suitable for resistive and inductive loads.
- Available in both normal and Pb-free options.
2. Electrical Characteristics (Typical Values – See Table)
*The following data is a summarized version of the table, as the complete table is quite extensive.*
| Parameter | US2AF | US2BF | US2DF | US2GF | US2JF | US2KF | US2MF | Unit |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum RMS Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum DC Blocking Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum Average Forward Rectified Current | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | A |
| Peak Forward Surge Current (8.3ms) | 60 | 60 | 60 | 60 | 60 | 60 | 60 | A |
| Max Instantaneous Forward Voltage (at 2.0A) | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | V |
| Max DC Reverse Current (Ta=25°C) | 15 | 15 | 15 | 15 | 15 | 15 | 15 | µA |
| Max Reverse Recovery Time | nS | |||||||
| Typical Junction Capacitance | pF |
1. Product Series & Description:
️· Series: US2AF, US2BF, US2DF, US2GF, US2JF, US2KF, US2MF. These are likely rectifier diodes.
️· Type: Axial lead diodes. (Based on the mention of axial leads and the overall product style.)
️· Key Features:
- Low forward voltage drop
- High current capability
- Reliability
- Suitable for resistive and inductive loads.
- Available in both normal and Pb-free options.
2. Electrical Characteristics (Typical Values – See Table)
*The following data is a summarized version of the table, as the complete table is quite extensive.*
| Parameter | US2AF | US2BF | US2DF | US2GF | US2JF | US2KF | US2MF | Unit |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum RMS Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum DC Blocking Voltage | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | V |
| Maximum Average Forward Rectified Current | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | 2.0 | A |
| Peak Forward Surge Current (8.3ms) | 60 | 60 | 60 | 60 | 60 | 60 | 60 | A |
| Max Instantaneous Forward Voltage (at 2.0A) | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | 1.0 | V |
| Max DC Reverse Current (Ta=25°C) | 15 | 15 | 15 | 15 | 15 | 15 | 15 | µA |
| Max Reverse Recovery Time | nS | |||||||
| Typical Junction Capacitance | pF |
| Part No. | US2AF |
| Manufacturer | DGNJDZ |
| Size | 260 Kbytes |
| Pages | 2 pages |
| Description | 2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS |