1. Product Overview ️· Product Type: Shielded Power Inductor
️· Series: ASPI-0615FS
️· Application: Suitable for DC-DC converters, power management, and filtering in various electronic devices.
2. Key Features ️· Form Factor: SMD (Surface Mount Device)
️· Size: 0603 (Metric: 1.6 mm x 0.8 mm x 0.8 mm)
️· Operating Temperature: -40°C to +85°C (Datasheet mentions operational temp. but it is not provided)
️· Storage Temperature: -40°C to +150°C (Datasheet mentions storage temp. but it is not provided)
3. Electrical Specifications (Values are representative - see table for full range) ️· Inductance Range: 0.5 µH to 33 µH (various values available, see table)
️· DC Resistance (DCR): Varies depending on inductance value (not fully specified in excerpt)
️· Saturation Current (Isat): Varies depending on inductance value (Ranges from 1.3A to 7A)
️· Rated Current (Irms): Varies depending on inductance value (Ranges from 1.5A to 5.2A)
Table of Inductance Values & Electrical Parameters (Representative):
| Inductance (µH) |
DCR (Typical) |
Isat (A) |
Irms (A) |
| 0.5 |
*Value not in excerpt* |
7.00 |
5.20 |
| 0.8 |
*Value not in excerpt* |
6.00 |
4.10 |
| 1.5 |
*Value not in excerpt* |
4.00 |
1.50 |
| 2.2 |
*Value not in excerpt* |
3.50 |
3.60 |
| 3.3 |
*Value not in excerpt* |
2.80 |
2.80 |
| 4.7 |
*Value not in excerpt* |
2.40 |
2.20 |
| 5.6 |
*Value not in excerpt* |
2.20 |
2.00 |
| 6.8 |
*Value not in excerpt* |
2.00 |
1.80 |
| 10 |
*Value not in excerpt* |
1.90 |
1.50 |
| 15 |
*Value not in excerpt* |
1.30 |
1.20 |
| 22 |
*Value not in excerpt* |
1.10 |
1.00 |
| 33 |
*Value not in excerpt* |
0.90 |
0.90 |
*(Note: "Value not in excerpt" signifies data not directly provided in the text)*
4. Packaging and Marking ️· Tape & Reel: Standard tape and reel packaging.
️· Marking: *Not specified in excerpt*
5. Important Notes & Disclaimer ️· COTS Product: This inductor is a Commercial Off-The-Shelf product.
️· Application Restrictions: Not designed for military, aerospace, or life-critical medical applications. Review datasheet for complete specifications.
️· Datasheet is Crucial: Always refer to the full ABRACON datasheet for the most up-to-date and detailed specifications.
6. Physical Dimensions and Packaging Dimensions ️· Physical Dimensions: 0603 (1.6 mm x 0.8 mm x 0.8 mm)
️· Packaging Dimensions: See Tape and Reel data table in excerpt (Ao, Bo, Ko, W, P, T, A, B, C, G, N)
Disclaimer: This summary is based solely on the provided excerpt. Refer to the complete ABRACON datasheet for the definitive product specifications.