Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.ASPI-0615FS-R80
MfrABRACON
Size1Mb
Pages3 pages
DescriptionLOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Datasheet SummaryAI
1. Product Overview

️· Product Type: Shielded Power Inductor
️· Series: ASPI-0615FS
️· Application: Suitable for DC-DC converters, power management, and filtering in various electronic devices.

2. Key Features

️· Form Factor: SMD (Surface Mount Device)
️· Size: 0603 (Metric: 1.6 mm x 0.8 mm x 0.8 mm)
️· Operating Temperature: -40°C to +85°C (Datasheet mentions operational temp. but it is not provided)
️· Storage Temperature: -40°C to +150°C (Datasheet mentions storage temp. but it is not provided)

3. Electrical Specifications (Values are representative - see table for full range)

️· Inductance Range: 0.5 µH to 33 µH (various values available, see table)
️· DC Resistance (DCR): Varies depending on inductance value (not fully specified in excerpt)
️· Saturation Current (Isat): Varies depending on inductance value (Ranges from 1.3A to 7A)
️· Rated Current (Irms): Varies depending on inductance value (Ranges from 1.5A to 5.2A)

Table of Inductance Values & Electrical Parameters (Representative):

Inductance (µH) DCR (Typical) Isat (A) Irms (A)
0.5 *Value not in excerpt* 7.00 5.20
0.8 *Value not in excerpt* 6.00 4.10
1.5 *Value not in excerpt* 4.00 1.50
2.2 *Value not in excerpt* 3.50 3.60
3.3 *Value not in excerpt* 2.80 2.80
4.7 *Value not in excerpt* 2.40 2.20
5.6 *Value not in excerpt* 2.20 2.00
6.8 *Value not in excerpt* 2.00 1.80
10 *Value not in excerpt* 1.90 1.50
15 *Value not in excerpt* 1.30 1.20
22 *Value not in excerpt* 1.10 1.00
33 *Value not in excerpt* 0.90 0.90

*(Note: "Value not in excerpt" signifies data not directly provided in the text)*

4. Packaging and Marking

️· Tape & Reel: Standard tape and reel packaging.
️· Marking: *Not specified in excerpt*

5. Important Notes & Disclaimer

️· COTS Product: This inductor is a Commercial Off-The-Shelf product.
️· Application Restrictions: Not designed for military, aerospace, or life-critical medical applications. Review datasheet for complete specifications.
️· Datasheet is Crucial: Always refer to the full ABRACON datasheet for the most up-to-date and detailed specifications.

6. Physical Dimensions and Packaging Dimensions

️· Physical Dimensions: 0603 (1.6 mm x 0.8 mm x 0.8 mm)
️· Packaging Dimensions: See Tape and Reel data table in excerpt (Ao, Bo, Ko, W, P, T, A, B, C, G, N)



Disclaimer: This summary is based solely on the provided excerpt. Refer to the complete ABRACON datasheet for the definitive product specifications.
ASPI-0615FS-R80 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about ASPI-0615FS-R80 Datasheet.
    Example questions: ➤ For an inductor with a value of 2µh, what are the saturation current (isat) and temperature rise current (irms) specifications, according to the datasheet?➤ What materials are used for the core and terminals of these inductors, and how might these material choices affect performance characteristics like permeability and conductivity?➤ What is the typical dc resistance (dcr) range for the listed inductors, based on the provided data table?
  • Datasheet Details
    Part No.ASPI-0615FS-R80
    ManufacturerABRACON
    Size1Mb
    Pages3 pages
    DescriptionLOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
    Datasheet Summary AI Expand summary
    1. Product Overview

    ️· Product Type: Shielded Power Inductor
    ️· Series: ASPI-0615FS
    ️· Application: Suitable for DC-DC converters, power management, and filtering in various electronic devices.

    2. Key Features

    ️· Form Factor: SMD (Surface Mount Device)
    ️· Size: 0603 (Metric: 1.6 mm x 0.8 mm x 0.8 mm)
    ️· Operating Temperature: -40°C to +85°C (Datasheet mentions operational temp. but it is not provided)
    ️· Storage Temperature: -40°C to +150°C (Datasheet mentions storage temp. but it is not provided)

    3. Electrical Specifications (Values are representative - see table for full range)

    ️· Inductance Range: 0.5 µH to 33 µH (various values available, see table)
    ️· DC Resistance (DCR): Varies depending on inductance value (not fully specified in excerpt)
    ️· Saturation Current (Isat): Varies depending on inductance value (Ranges from 1.3A to 7A)
    ️· Rated Current (Irms): Varies depending on inductance value (Ranges from 1.5A to 5.2A)

    Table of Inductance Values & Electrical Parameters (Representative):

    Inductance (µH) DCR (Typical) Isat (A) Irms (A)
    0.5 *Value not in excerpt* 7.00 5.20
    0.8 *Value not in excerpt* 6.00 4.10
    1.5 *Value not in excerpt* 4.00 1.50
    2.2 *Value not in excerpt* 3.50 3.60
    3.3 *Value not in excerpt* 2.80 2.80
    4.7 *Value not in excerpt* 2.40 2.20
    5.6 *Value not in excerpt* 2.20 2.00
    6.8 *Value not in excerpt* 2.00 1.80
    10 *Value not in excerpt* 1.90 1.50
    15 *Value not in excerpt* 1.30 1.20
    22 *Value not in excerpt* 1.10 1.00
    33 *Value not in excerpt* 0.90 0.90

    *(Note: "Value not in excerpt" signifies data not directly provided in the text)*

    4. Packaging and Marking

    ️· Tape & Reel: Standard tape and reel packaging.
    ️· Marking: *Not specified in excerpt*

    5. Important Notes & Disclaimer

    ️· COTS Product: This inductor is a Commercial Off-The-Shelf product.
    ️· Application Restrictions: Not designed for military, aerospace, or life-critical medical applications. Review datasheet for complete specifications.
    ️· Datasheet is Crucial: Always refer to the full ABRACON datasheet for the most up-to-date and detailed specifications.

    6. Physical Dimensions and Packaging Dimensions

    ️· Physical Dimensions: 0603 (1.6 mm x 0.8 mm x 0.8 mm)
    ️· Packaging Dimensions: See Tape and Reel data table in excerpt (Ao, Bo, Ko, W, P, T, A, B, C, G, N)



    Disclaimer: This summary is based solely on the provided excerpt. Refer to the complete ABRACON datasheet for the definitive product specifications.