Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESJG05F16 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ESJG05F16_16 Datasheet

  • # Example questions: ➢ Within what temperature range can this diode be safely stored?
    ➢ What is the maximum forward voltage drop at 25°c with the specified average forward current?
    ➢ What is the maximum permissible surge current this diode can handle?

  • Part No.ESJG05F16_16
    ManufacturerGETEDZ
    Size82 Kbytes
    Pages1 page
    Description16kV 50mA HIGH VOLTAGE DIODES
    Datasheet Summary with AI

    # ESJG05F16 - 16kV 50mA HIGH VOLTAGE DIODES

    ## General Description

    ️· High reliability, resin molded high voltage diode.
    ️· Sealed multilayed mesa type silicon chip by epoxy resin.
    ️· Package: DO-41

    ## Features

    ️· High speed switching
    ️· High Current
    ️· High temperature resistance
    ️· High reliability design
    ️· High Voltage

    ## Applications

    ️· X light Power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Absolute Maximum Ratings

    Item Symbol Condition Value Units
    Repetitive Peak Renerse Voltage VRRM 16 kV
    Average Output Current IO Ta=30°C,Resistive Load 50 mA
    Surge Current IFSM 5.0 A peak
    Junction Temperature Tj 160 °C
    Allowable Operation Case Temperature Tc 160 °C
    Storage Temperature Tstg -40 to +165 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)

    Item Symbol Condition Value Units
    Maximum Forward Voltage Drop VF at 25°C, IF =IF(AV) 24 V
    Maximum Reverse Current IR1 at 25°C, VR=VRRM 2.0 uA
    Maximum Reverse Current IR2 at 160°C, VR=VRRM 100 uA
    Maximum Reverse Recovery Time Trr at 25°C 80 nS
    Junction Capacitance Cj at 25°C, VR=0V, f=1MHz -- pF

    ## Manufacturer Information

    ️· GETE ELECTRONICS CO.,LTD
    ️· Website: Http://www.getedz.com
    ️· Email: sales@getedz.com

    # ESJG05F16 - 16kV 50mA HIGH VOLTAGE DIODES

    ## General Description

    ️· High reliability, resin molded high voltage diode.
    ️· Sealed multilayed mesa type silicon chip by epoxy resin.
    ️· Package: DO-41

    ## Features

    ️· High speed switching
    ️· High Current
    ️· High temperature resistance
    ️· High reliability design
    ️· High Voltage

    ## Applications

    ️· X light Power supply
    ️· Laser
    ️· Voltage doubler circuit
    ️· Microwave emission power

    ## Absolute Maximum Ratings

    Item Symbol Condition Value Units
    Repetitive Peak Renerse Voltage VRRM 16 kV
    Average Output Current IO Ta=30°C,Resistive Load 50 mA
    Surge Current IFSM 5.0 A peak
    Junction Temperature Tj 160 °C
    Allowable Operation Case Temperature Tc 160 °C
    Storage Temperature Tstg -40 to +165 °C

    ## Electrical Characteristics (Ta=25°C unless otherwise specified)

    Item Symbol Condition Value Units
    Maximum Forward Voltage Drop VF at 25°C, IF =IF(AV) 24 V
    Maximum Reverse Current IR1 at 25°C, VR=VRRM 2.0 uA
    Maximum Reverse Current IR2 at 160°C, VR=VRRM 100 uA
    Maximum Reverse Recovery Time Trr at 25°C 80 nS
    Junction Capacitance Cj at 25°C, VR=0V, f=1MHz -- pF

    ## Manufacturer Information

    ️· GETE ELECTRONICS CO.,LTD
    ️· Website: Http://www.getedz.com
    ️· Email: sales@getedz.com

    Part No.ESJG05F16_16
    ManufacturerGETEDZ
    Size82 Kbytes
    Pages1 page
    Description16kV 50mA HIGH VOLTAGE DIODES