| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STLQ015M21R Datasheet
# Example questions:
➢ What is the typical turn-on time of the stlq015 when outputting 150ma?
➢ What package type is the stlq015 available in, and what is the maximum capacitance of the output capacitor (cout) it can support?
➢ What output voltage options are available for the stlq015?
## Summary of the STLQ015 Low-Dropout Regulator Datasheet
This document is a datasheet for the STLQ015, a low-dropout (LDO) regulator manufactured by STMicroelectronics. Here's a breakdown of the key information:
Core Function & Features:
️· Type: Low-Dropout Regulator (LDO) - Provides a stable output voltage from a higher, potentially varying input voltage.
️· Output Voltage: Available in fixed output voltages from 1.2V to 3.3V (specified in the order codes).
️· Low Dropout Voltage: Designed for applications where the input voltage is close to the output voltage.
️· Low Quiescent Current: Efficient operation with minimal power consumption.
️· Package: SOT23-5L.
️· Applications: Ideal for portable and power-sensitive applications, including microcontrollers, digital cameras, and other battery-powered devices.
Key Specifications (from datasheet):
️· Input Voltage: Not explicitly stated as a maximum, but the range for operation is implied through the specifications of the output voltages and drop-out voltages.
️· Output Current: Not clearly stated as a maximum, but the performance curves show operating conditions.
️· Quiescent Current: Very low, contributing to power efficiency.
️· Dropout Voltage: Low, allowing operation with input voltages close to the output.
️· Operating Temperature Range: Not explicitly stated.
️· Protection: Thermal Shutdown
Ordering Information:
️· Various order codes are provided for different fixed output voltage options (1.2V to 3.3V).
Overall:
The STLQ015 is a compact, efficient LDO regulator suited for powering sensitive electronic circuits, particularly in portable and battery-powered applications where low power consumption and compact size are critical. The datasheet provides detailed electrical characteristics, application information, and ordering codes to help engineers select the appropriate device for their designs.
## Summary of the STLQ015 Low-Dropout Regulator Datasheet
This document is a datasheet for the STLQ015, a low-dropout (LDO) regulator manufactured by STMicroelectronics. Here's a breakdown of the key information:
Core Function & Features:
️· Type: Low-Dropout Regulator (LDO) - Provides a stable output voltage from a higher, potentially varying input voltage.
️· Output Voltage: Available in fixed output voltages from 1.2V to 3.3V (specified in the order codes).
️· Low Dropout Voltage: Designed for applications where the input voltage is close to the output voltage.
️· Low Quiescent Current: Efficient operation with minimal power consumption.
️· Package: SOT23-5L.
️· Applications: Ideal for portable and power-sensitive applications, including microcontrollers, digital cameras, and other battery-powered devices.
Key Specifications (from datasheet):
️· Input Voltage: Not explicitly stated as a maximum, but the range for operation is implied through the specifications of the output voltages and drop-out voltages.
️· Output Current: Not clearly stated as a maximum, but the performance curves show operating conditions.
️· Quiescent Current: Very low, contributing to power efficiency.
️· Dropout Voltage: Low, allowing operation with input voltages close to the output.
️· Operating Temperature Range: Not explicitly stated.
️· Protection: Thermal Shutdown
Ordering Information:
️· Various order codes are provided for different fixed output voltage options (1.2V to 3.3V).
Overall:
| Part No. | STLQ015M21R |
| Manufacturer | STMICROELECTRONICS |
| Size | 1Mb |
| Pages | 17 pages |
| Description | 150 mA, ultra low quiescent current linear voltage regulator |