| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LEDIL103 Datasheet
# Example questions:
➢ What type of protection does this luminaire have against solid objects and water?
➢ How long can the battery operate when using the main light?
➢ What is the luminous flux of the torch light function?
# LEDinspect PRO SLIMLINE 280 Inspection Lamp (LEDIL103)
## Product Overview
_ Rechargeable LED inspection luminaire
_ 3-year guarantee
_ Color temperature: Up to 6000 K
_ Length: 284.0 mm
## Key Features
_ Illumination: Long-lasting, high-intensity LEDs providing up to 280 lm (main light) and 70 lm (torch light).
_ Design: Robust, dirt-resistant surface, 180° bending mechanism.
_ Power: Rechargeable 2,000 mAh Li-ion battery.
_ Operation: Up to 4 hours (main light) or 8 hours (torch light) on a single charge. Rechargeable via 90…250 V adapter.
_ Ergonomics: Adjustable hook and magnet for hands-free operation.
_ Protection: IP42 rating, IK04 impact resistance.
_ Indicators: Battery status display, low battery warning light.
## Technical Specifications
_ Luminous Flux: Up to 280 lm (main), 70 lm (torch)
_ Battery: 2,000 mAh Li-ion
_ Operation Time: 4 hrs (main), 8 hrs (torch)
_ Color Temperature: Up to 6,000 K
_ Protection: IP42, IK04
## Logistics
_ Product Code: 4052899327351 (smallest order unit)
_ Packaging: Folding carton box (1 piece)
_ Dimensions: 97 mm x 80 mm x 435 mm
_ Volume: 2.60 dm³
_ Gross Weight: 239.00 g
_ Shipping Carton: 213 mm x 179 mm x 368 mm, 14.03 dm³, 1247.00 g (contains 4 units)
## Accessories
_ Charging cable included
## Application
_ Inspection and maintenance of vehicles
# LEDinspect PRO SLIMLINE 280 Inspection Lamp (LEDIL103)
## Product Overview
_ Rechargeable LED inspection luminaire
_ 3-year guarantee
_ Color temperature: Up to 6000 K
_ Length: 284.0 mm
## Key Features
_ Illumination: Long-lasting, high-intensity LEDs providing up to 280 lm (main light) and 70 lm (torch light).
_ Design: Robust, dirt-resistant surface, 180° bending mechanism.
_ Power: Rechargeable 2,000 mAh Li-ion battery.
_ Operation: Up to 4 hours (main light) or 8 hours (torch light) on a single charge. Rechargeable via 90…250 V adapter.
_ Ergonomics: Adjustable hook and magnet for hands-free operation.
_ Protection: IP42 rating, IK04 impact resistance.
_ Indicators: Battery status display, low battery warning light.
## Technical Specifications
_ Luminous Flux: Up to 280 lm (main), 70 lm (torch)
_ Battery: 2,000 mAh Li-ion
_ Operation Time: 4 hrs (main), 8 hrs (torch)
_ Color Temperature: Up to 6,000 K
_ Protection: IP42, IK04
## Logistics
_ Product Code: 4052899327351 (smallest order unit)
_ Packaging: Folding carton box (1 piece)
_ Dimensions: 97 mm x 80 mm x 435 mm
_ Volume: 2.60 dm³
_ Gross Weight: 239.00 g
_ Shipping Carton: 213 mm x 179 mm x 368 mm, 14.03 dm³, 1247.00 g (contains 4 units)
## Accessories
_ Charging cable included
## Application
_ Inspection and maintenance of vehicles
| Part No. | LEDIL103 |
| Manufacturer | OSRAM |
| Size | 154 Kbytes |
| Pages | 4 pages |
| Description | Color temperature: up to 6,000 K |