| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about A-001 Datasheet
# Example questions:
➢ What is the maximum included angle for proper operation of this switch?
➢ What is the maximum switching voltage for this tilt switch?
➢ What type of wire is used for the lead wires and what is its insulation?
# A1/2 Series Mercury Tilt Switch
## Features
️· Insulated
️· Form: NO/NC/SPST (Mount dependent)
️· Angles referenced from horizontal
️· Hermetically sealed
️· Small package size
️· Narrow included angle
️· High current capability
️· Low contact resistance
️· Long life
## Specifications
️· Maximum Included Angle: 15º (Switching occurs when body axis is near horizontal)
️· Maximum Switching Voltage: 240V
️· Maximum Switching Current: 120VAC / 1A; 240VAC / 0.4A; 120VDC / 0.5A; 240VDC / 0.4A
️· Tungsten Rating: 120V / 60W
️· Initial Contact Resistance (Max): 80 milli Ohms
️· Stand-Off Voltage: 1250V (contact to contact), 1500V (contact to ground)
️· Operating Temperature: -38º to 220º F / -38º to 105º C
️· Storage Temperature: -40º to 356º F / -40º to 180º C
️· Typical Number of Operations: 10,000,000
️· G-Force Activation: N/A
## Dimensions & Materials
️· Body Length (less leads): 0.96 inches / 24.4 mm
️· Maximum Diameter: 0.38 inches / 9.5 mm
️· Weight per 100pcs: 0.99 Lbs / 0.45 Kgs
️· Lead Wire Type: #26 AWG PVC Insulated
️· Lead Wire Length/Termination: 6 inches, spade terminals #6 screw
️· Case Material: PBT (30% Glass Filled)
️· Clip: Use P/N 0164 Mounting Clip
# A1/2 Series Mercury Tilt Switch
## Features
️· Insulated
️· Form: NO/NC/SPST (Mount dependent)
️· Angles referenced from horizontal
️· Hermetically sealed
️· Small package size
️· Narrow included angle
️· High current capability
️· Low contact resistance
️· Long life
## Specifications
️· Maximum Included Angle: 15º (Switching occurs when body axis is near horizontal)
️· Maximum Switching Voltage: 240V
️· Maximum Switching Current: 120VAC / 1A; 240VAC / 0.4A; 120VDC / 0.5A; 240VDC / 0.4A
️· Tungsten Rating: 120V / 60W
️· Initial Contact Resistance (Max): 80 milli Ohms
️· Stand-Off Voltage: 1250V (contact to contact), 1500V (contact to ground)
️· Operating Temperature: -38º to 220º F / -38º to 105º C
️· Storage Temperature: -40º to 356º F / -40º to 180º C
️· Typical Number of Operations: 10,000,000
️· G-Force Activation: N/A
## Dimensions & Materials
️· Body Length (less leads): 0.96 inches / 24.4 mm
️· Maximum Diameter: 0.38 inches / 9.5 mm
️· Weight per 100pcs: 0.99 Lbs / 0.45 Kgs
️· Lead Wire Type: #26 AWG PVC Insulated
️· Lead Wire Length/Termination: 6 inches, spade terminals #6 screw
️· Case Material: PBT (30% Glass Filled)
️· Clip: Use P/N 0164 Mounting Clip
| Part No. | A-001 |
| Manufacturer | AEC |
| Size | 174 Kbytes |
| Pages | 1 page |
| Description | Tilt Switch - Mercury |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |