| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about A-0709P12ABF Datasheet
# Example questions:
➢ What internal resistance value corresponds to a circuit breaker with a current rating of 7.5a?
➢ What is the minimum dielectric strength this circuit breaker can withstand?
➢ How does the operating temperature affect the maximum allowable current for a 0a - 4.0a model?
# A-0709 Circuit Breaker
## Specifications
️· Electrical Ratings: 3.0 - 16A @ 125/250VAC, 4.0 – 16A @ 125 (UL/CUL)
️· Dielectric Strength: 1500Vrms min
️· Insulation Resistance: > 100MΩ min
️· Interrupt Capacity: 125VAC, 1000A; 250VAC, 1000A
️· Contact Endurance: 125VAC X 150% of rated current - 500 cycles
️· Calibration:
- 25°C – 105% of rated current - continuously carried
- 25°C – 106% to 134% - may trip or not
- 25°C – 135% of rated current - trip within 1 hour (150% of 4A)
- 25°C – 200% of rated current - trip within 1 minute
️· Reset: Manual reset
## Internal Resistance (Ω)
️· 3A – 5A: 0.120
️· 5.1A – 6A: 0.100
️· 6.1A – 7A: 0.075
️· 7.1A – 8A: 0.035
️· 8.1A – 9A: 0.020
️· 9.1A – 12A: 0.015
️· 12.1A – 14A: 0.010
️· 14.1A – 16A: 0.008
## Derating Factor
| Temperature (°C) | 3.0A-4.0A | 4A-16A |
|---|---|---|
| 60 | - | X 0.50 |
| 55 | - | X 0.60 |
| 50 | - | X 0.70 |
| 45 | X 0.45 | X 0.75 |
| 40 | X 0.55 | X 0.80 |
| 35 | X 0.70 | X 0.86 |
| 30 | X 0.80 | X 0.92 |
| 25 | X 1.00 | X 1.00 |
| 20 | X 1.10 | X 1.06 |
| 15 | X 1.20 | X 1.09 |
| 10 | X 1.35 | X 1.20 |
# A-0709 Circuit Breaker
## Specifications
️· Electrical Ratings: 3.0 - 16A @ 125/250VAC, 4.0 – 16A @ 125 (UL/CUL)
️· Dielectric Strength: 1500Vrms min
️· Insulation Resistance: > 100MΩ min
️· Interrupt Capacity: 125VAC, 1000A; 250VAC, 1000A
️· Contact Endurance: 125VAC X 150% of rated current - 500 cycles
️· Calibration:
- 25°C – 105% of rated current - continuously carried
- 25°C – 106% to 134% - may trip or not
- 25°C – 135% of rated current - trip within 1 hour (150% of 4A)
- 25°C – 200% of rated current - trip within 1 minute
️· Reset: Manual reset
## Internal Resistance (Ω)
️· 3A – 5A: 0.120
️· 5.1A – 6A: 0.100
️· 6.1A – 7A: 0.075
️· 7.1A – 8A: 0.035
️· 8.1A – 9A: 0.020
️· 9.1A – 12A: 0.015
️· 12.1A – 14A: 0.010
️· 14.1A – 16A: 0.008
## Derating Factor
| Temperature (°C) | 3.0A-4.0A | 4A-16A |
|---|---|---|
| 60 | - | X 0.50 |
| 55 | - | X 0.60 |
| 50 | - | X 0.70 |
| 45 | X 0.45 | X 0.75 |
| 40 | X 0.55 | X 0.80 |
| 35 | X 0.70 | X 0.86 |
| 30 | X 0.80 | X 0.92 |
| 25 | X 1.00 | X 1.00 |
| 20 | X 1.10 | X 1.06 |
| 15 | X 1.20 | X 1.09 |
| 10 | X 1.35 | X 1.20 |
| Part No. | A-0709P12ABF |
| Manufacturer | ETC |
| Size | 145 Kbytes |
| Pages | 1 page |
| Description | CIRCUIT INTERRUPTION TECHNOLOGY INC |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |