| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ALN1970T2_17 Datasheet
# Example questions:
➢ What is the operating temperature range for this lna module?
➢ What is the typical gain of the aln1970t2 module at a frequency of 1970 mhz?
➢ What is the purpose of the optional tantal capacitor mentioned in the application notes?
# plerow™ ALN1970T2 Internally Matched LNA Module
## Description
A compactly designed surface-mount module for low-noise amplification in various applications, including mobile wireless infrastructure, GPS, satellite communication, and CATV. Provides low noise figure, high gain, and stability.
## Features
️· S21 = 29.1 dB @ 1960 MHz, 28.9 dB @ 1980 MHz
️· Noise Figure: 0.65 dB
️· Unconditionally Stable
️· Single 5V Supply
️· High OIP3 at Low Current
## Specifications
|Parameter|Unit|Min|Typ|Max|
|---|---|---|---|---|
|Frequency Range|MHz|1960||1980|
|Gain|dB|28|29||
|Noise Figure|dB||0.65|0.70|
|Output IP3|dBm|32|33||
|Supply Voltage|V|5|5|5|
|Impedance|Ω|50|50|50|
|Operating Temperature|°C|-40|+85| |
## Pin Configuration
️· Pin 2: RF In
️· Pin 5: RF Out
️· Pin 6: +Vcc
️· Others: Ground
## Application Notes
️· Ground via holes are critical for thermal and RF grounding.
️· DC blocking capacitors (C1 & C2) are optional but recommended for applications requiring signal isolation.
️· A tantalum capacitor may be used for bypassing AC noise.
️· Recommended Soldering Reflow: 20-40 sec at 260°C, 200°C ramp-down to 150°C, 60-180 sec.
# plerow™ ALN1970T2 Internally Matched LNA Module
## Description
A compactly designed surface-mount module for low-noise amplification in various applications, including mobile wireless infrastructure, GPS, satellite communication, and CATV. Provides low noise figure, high gain, and stability.
## Features
️· S21 = 29.1 dB @ 1960 MHz, 28.9 dB @ 1980 MHz
️· Noise Figure: 0.65 dB
️· Unconditionally Stable
️· Single 5V Supply
️· High OIP3 at Low Current
## Specifications
| Parameter | Unit | Min | Typ | Max |
|---|---|---|---|---|
| Frequency Range | MHz | 1960 | 1980 | |
| Gain | dB | 28 | 29 | |
| Noise Figure | dB | 0.65 | 0.70 | |
| Output IP3 | dBm | 32 | 33 | |
| Supply Voltage | V | 5 | 5 | 5 |
| Impedance | Ω | 50 | 50 | 50 |
| Operating Temperature | °C | -40 | +85 |
| Part No. | ALN1970T2_17 |
| Manufacturer | ASB |
| Size | 322 Kbytes |
| Pages | 3 pages |
| Description | Internally Matched LNA Module |