| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS12_17 Datasheet
# Example questions:
➢ How does the internal resistance change with increasing capacitance for the standard rated voltage of 5.5v?
➢ What are the dimensions of the 6.3v capacitor with a capacitance of 0f?
➢ What is the operating temperature range for these electric double layer capacitors?
# TS12 Electric Double Layer Capacitor (Gold Capacitor)
## Features
· Small size, large capacity, excellent voltage holding
· 5mm terminal spacing
· Operating temperature: -25 to +70°C
· Capacities up to 0.33F in Ø13.5x7.5 size
· Ideal for CMOS, microcomputer, and RAM backup
## Specifications
· Operating Temperature: -25 to +70°C
· Capacitance Tolerance: -20 to +80%
· Internal Resistance: Varies by capacitance and rating (see table)
· Stability: ±30% capacitance change at extreme temperatures
· Endurance (70°C, 1000 hours): ±30% capacitance change, internal resistance within specified limits
· Shelf Life: Same as endurance test conditions
## Ratings & Dimensions
· Voltage: 5.5V / 6.3V
· Capacitance: 0.047F - 1.0F
· Dimensions (varies by rating):
- 11.5 x 5 mm, 11.5 x 13 mm, 13.5 x 7.5 mm, 13.5 x 9.5 mm, 19 x 20.5 mm, 21.5 x 8 mm, 21.5 x 9.5 mm
Note: Specifications subject to change. Visit www.suntan.com.hk for the most up-to-date information.
# TS12 Electric Double Layer Capacitor (Gold Capacitor)
## Features
· Small size, large capacity, excellent voltage holding
· 5mm terminal spacing
· Operating temperature: -25 to +70°C
· Capacities up to 0.33F in Ø13.5x7.5 size
· Ideal for CMOS, microcomputer, and RAM backup
## Specifications
· Operating Temperature: -25 to +70°C
· Capacitance Tolerance: -20 to +80%
· Internal Resistance: Varies by capacitance and rating (see table)
· Stability: ±30% capacitance change at extreme temperatures
· Endurance (70°C, 1000 hours): ±30% capacitance change, internal resistance within specified limits
· Shelf Life: Same as endurance test conditions
## Ratings & Dimensions
· Voltage: 5.5V / 6.3V
· Capacitance: 0.047F - 1.0F
· Dimensions (varies by rating):
- 11.5 x 5 mm, 11.5 x 13 mm, 13.5 x 7.5 mm, 13.5 x 9.5 mm, 19 x 20.5 mm, 21.5 x 8 mm, 21.5 x 9.5 mm
Note: Specifications subject to change. Visit www.suntan.com.hk for the most up-to-date information.
| Part No. | TS12_17 |
| Manufacturer | SUNTAN |
| Size | 177 Kbytes |
| Pages | 1 page |
| Description | ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR |