| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS12S-S_17 Datasheet
# Example questions:
➢ What is the maximum surge voltage that the ts12ss2r7474 capacitor can withstand?
➢ Which part number offers a capacitance of 5f with a rated working voltage of 5.5v?
➢ How does the internal resistance change for a capacitor operating at the low end of its operating temperature range compared to its value at room temperature?
# TS12S-S Electric Double Layer Capacitor (Gold Capacitor)
## FEATURES
️· Small size, large capacity
️· Low leakage, high reliability
## SPECIFICATIONS
️· Rated Capacity: 0.15F – 8.0F
️· Operating Temperature: -25 to +70℃
️· Rated Working Voltage: 2.7V – 5.5VDC
️· Surge Voltage: 3.0 – 6.0V
️· Capacitance Tolerance: -20% to +80%
️· Internal Resistance: <3Ω – <100Ω
️· Charging Voltage: ≤2.7V – ≤5.5V
️· Low Temperature Performance: Capacity change ≤50%, Resistance change ≤3x
️· Endurance (1000h): Capacity change ≤30%, Resistance change ≤4x
️· Storage Temperature: -20 - 45℃
## PART NUMBER DETAILS (Example - See datasheet for full list)
| Part Number | Voltage (V) | Capacity (F) | ESR (Ω) Max | Diameter (mm) | Height (mm) | Pin Pitch (mm) |
|---|---|---|---|---|---|---|
| TS12SS2R7474 | 2.7 | 0.47 | 30 | 9.7 | 11.4 | 2.2 |
| TS12SS5R5155 | 5.5 | 1.5 | 24 | 20.2 | 20.5 | 5.0 |
Note: Specifications subject to change. Visit [www.suntan.com.hk](http://www.suntan.com.hk) for latest information.
# TS12S-S Electric Double Layer Capacitor (Gold Capacitor)
## FEATURES
️· Small size, large capacity
️· Low leakage, high reliability
## SPECIFICATIONS
️· Rated Capacity: 0.15F – 8.0F
️· Operating Temperature: -25 to +70℃
️· Rated Working Voltage: 2.7V – 5.5VDC
️· Surge Voltage: 3.0 – 6.0V
️· Capacitance Tolerance: -20% to +80%
️· Internal Resistance: <3Ω – <100Ω
️· Charging Voltage: ≤2.7V – ≤5.5V
️· Low Temperature Performance: Capacity change ≤50%, Resistance change ≤3x
️· Endurance (1000h): Capacity change ≤30%, Resistance change ≤4x
️· Storage Temperature: -20 - 45℃
## PART NUMBER DETAILS (Example - See datasheet for full list)
| Part Number | Voltage (V) | Capacity (F) | ESR (Ω) Max | Diameter (mm) | Height (mm) | Pin Pitch (mm) |
|---|---|---|---|---|---|---|
| TS12SS2R7474 | 2.7 | 0.47 | 30 | 9.7 | 11.4 | 2.2 |
| TS12SS5R5155 | 5.5 | 1.5 | 24 | 20.2 | 20.5 | 5.0 |
| Part No. | TS12S-S_17 |
| Manufacturer | SUNTAN |
| Size | 616 Kbytes |
| Pages | 1 page |
| Description | ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR |