1. General Information & Identification
️· Component Name: CW CBLPM1.W1
️· Type: LED (Light Emitting Diode)
️· Version: Version 1.1 (as indicated by the "Version 1.1" in several headings)
️· Data Sheet Date: 2015-04-02 (This gives the document's creation/revision date)
2. Electrical and Optical Characteristics (Not fully provided but inferred)
️· Color: Likely a single color based on "CW" which usually means Continuous Wave (single color). Specific wavelength is *not* listed, but it's implied to be a defined color.
️· Electrical Circuit: An internal electrical circuit exists (mentioned in a section).
️· ESD Protection: The LED has an ESD (Electrostatic Discharge) protection device connected in parallel to the LED chip. This is to protect the sensitive LED from damage.
3. Physical Characteristics & Packaging
️· Weight: 8.2 mg (individual LED)
️· Package Dimensions: (Specific dimensions not always given, but referenced in multiple sections):
- Tape and Reel: 8mm tape with 4000 LEDs on a 180mm reel.
- Transportation Box: 200x195x30 mm (for bulk shipping)
️· Markings:
- Cathode is marked on the LED.
️· Dry Packing: Moisture-sensitive product packaged in a dry bag with desiccant and humidity card (important for proper handling and storage).
4. Handling and Processing Recommendations
️· Reflow Soldering: Complies with MSL Level 2 (Moisture Sensitivity Level) according to JEDEC J-STD-020D.01. Reflow soldering profile provided.
️· Nitrogen Atmosphere: Recommended soldering under standard nitrogen atmosphere for optimal solder joint connectivity.
️· Cleaning: Not suitable for ultrasonic cleaning.
5. Regulatory Compliance & Documentation
️· Barcode Product Label (BPL): Barcode label is present.
️· References to Standards: JEDEC standards are mentioned (specifically J-STD-020D.01).
Missing Information:
️· Specific Color Wavelength: The exact wavelength of the emitted light isn't listed.
️· Forward Voltage & Current: Crucial electrical parameters (voltage and current requirements) are *not* provided.
️· Luminous Intensity/Flux: The brightness of the LED is not specified.
️· Dominant Wavelength: A key color attribute is missing.
️· Detailed Electrical Diagram: More clarity about the internal electrical circuit would be helpful.