Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF12N60P/F Datasheet (PDF) - KEC(Korea Electronics)

KF12N60P/F Datasheet PDF - KEC(Korea Electronics)
Part # KF12N60P/F
Download  KF12N60P/F Download
File Size   401.95 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KF12N60P/F Datasheet (PDF)

Go To PDF Page Download Datasheet
KF12N60P/F Datasheet PDF - KEC(Korea Electronics)

Part # KF12N60P/F
Download  KF12N60P/F Click to download

File Size   401.95 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

KF12N60P/F Datasheet (HTML) - KEC(Korea Electronics)


KF12N60P/F Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor correction and switching mode power supplies.

FEATURES
• VDSS=600V, ID=12A
• Drain-Source ON Resistance :
   RDS(ON)=0.6Ω (Max) @VGS=10V
• Qg(typ.)= 36nC




Similar Part No. - KF12N60P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF12N60P KEC-KF12N60P Datasheet
81Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF12N60P KEC-KF12N60P Datasheet
901Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF12N60P KEC-KF12N60P_10 Datasheet
901Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF12N60P KEC-KF12N60P_15 Datasheet
401Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF12N60P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com