Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1701T-33021/MB Datasheet (PDF) - Microchip Technology

MCP1701T-33021/MB Datasheet PDF - Microchip Technology
Part # MCP1701T-33021/MB
Download  MCP1701T-33021/MB Download
File Size   385.7 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2uA Low Dropoout Positive Voltage Refulator

MCP1701T-33021/MB Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1701T-33021/MB Datasheet PDF - Microchip Technology

Part # MCP1701T-33021/MB
Download  MCP1701T-33021/MB Click to download

File Size   385.7 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2uA Low Dropoout Positive Voltage Refulator

MCP1701T-33021/MB Datasheet (HTML) - Microchip Technology


MCP1701T-33021/MB Product details

General Description

The MCP1701 is a family of CMOS low dropout (LDO), positive voltage regulators that can deliver up to 250 mA of current while consuming only 2.0 µA of quiescent current (typ.). The input operating range is specified up to 10V, making it ideal for lithium-ion (one or two cells), 9V alkaline and other two and three primary cell battery-powered applications.



Features

• 2.0 µA Typical Quiescent Current

• Input Operating Voltage Range up to 10.0V

• Low Dropout Voltage:

  - 250 mV (typ) @ 100 mA

  - 500 mV (typ) @ 200 mA

• High Output Current: 250 mA (VOUT= 5.0V)

• High-Accuracy Output Voltage: ±2% (max)

• Low Temperature Drift: ±100 ppm/°C (typ.)

• Excellent Line Regulation: 0.2%/V (typ.)

• Package Options: 3-Pin SOT-23A and 3-Pin SOT-89

• Short Circuit Protection

• Standard Output Voltage Options: - 1.8V, 2.5V, 3.0V, 3.3V, 5.0V



Applications

• Battery-Powered Devices

• Battery-Powered Alarm Circuits

• Smoke Detectors

• CO2 Detectors

• Smart Battery Packs

• PDAs

• Low Quiescent Current Voltage Reference

• Cameras and Portable Video Equipment

• Pagers and Cellular Phones

• Solar-Powered Instruments

• Consumer Products

• Microcontroller Power




Similar Part No. - MCP1701T-33021/MB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1701T-3302I/CB MICROCHIP-MCP1701T-3302I/CB Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
MCP1701T-3302I/MB MICROCHIP-MCP1701T-3302I/MB Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
More results


Similar Description - MCP1701T-33021/MB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0075 NSC-LH0075 Datasheet
164Kb / 5P
LH0075 Positive Precision Programmable Refulator
logo
TECH PUBLIC Electronics...
TPMIC5233-3.3YM5 TECHPUBLIC-TPMIC5233-3.3YM5 Datasheet
6Mb / 9P
36V,200mA,2uA, Higt PSRR Voltage Reaulators
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
300mA 2uA Higt PSRR Voltage Reaulator
TP132C18D4 TECHPUBLIC-TP132C18D4 Datasheet
3Mb / 12P
300mA 2uA Higt PSRR Voltage Reaulalorsl
TPRT9080-18GJ5 TECHPUBLIC-TPRT9080-18GJ5 Datasheet
36Mb / 9P
600mA,2uA, Higt PSRR Voltage Reaulators
TPLP2985-25DBVR TECHPUBLIC-TPLP2985-25DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com