Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6525-I/PTSQTP Datasheet (PDF) - Microchip Technology

PIC18F6525-I/PTSQTP Datasheet PDF - Microchip Technology
Part # PIC18F6525-I/PTSQTP
Download  PIC18F6525-I/PTSQTP Download
File Size   7078.49 Kbytes
Page   396 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D

PIC18F6525-I/PTSQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F6525-I/PTSQTP Datasheet PDF - Microchip Technology

Part # PIC18F6525-I/PTSQTP
Download  PIC18F6525-I/PTSQTP Click to download

File Size   7078.49 Kbytes
Page   396 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D

PIC18F6525-I/PTSQTP Datasheet (HTML) - Microchip Technology


PIC18F6525-I/PTSQTP Product details

DEVICE OVERVIEW

This document contains device specific information for the following devices:

• PIC18F6525

• PIC18F6621

• PIC18F8525

• PIC18F8621

This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance Enhanced Flash program memory. The PIC18F6525/6621/8525/8621 family also provides an enhanced range of program memory options and versatile analog features that make it ideal for complex, high performance applications.



High Performance RISC CPU:

• Linear program memory addressing to 64 Kbytes

• Linear data memory addressing to 4 Kbytes

• 1 Kbyte of data EEPROM

• Up to 10 MIPs operation:

   - DC – 40 MHz osc./clock input

   - 4 MHz – 10 MHz osc./clock input with PLL active

• 16-bit wide instructions, 8-bit wide data path

• Priority levels for interrupts

• 31-level, software accessible hardware stack

• 8 x 8 Single-cycle Hardware Multiplier



Peripheral Features:

• High current sink/source 25 mA/25 mA

• Four external interrupt pins

• Timer0 module: 8-bit/16-bit timer/counter

• Timer1 module: 16-bit timer/counter

• Timer2 module: 8-bit timer/counter

• Timer3 module: 16-bit timer/counter

• Timer4 module: 8-bit timer/counter

• Secondary oscillator clock option – Timer1/Timer3

• Two Capture/Compare/PWM (CCP) modules:

   - Capture is 16-bit, max. resolution 6.25 ns (TCY/16)

   - Compare is 16-bit, max. resolution 100 ns (TCY)

   - PWM output: 1 to 10-bit PWM resolution

• Three Enhanced Capture/Compare/PWM (ECCP) modules:

   - Same Capture/Compare features as CCP

   - One, two or four PWM outputs

   - Selectable polarity

   - Programmable dead time

   - Auto-Shutdown on external event

   - Auto-Restart

• Master Synchronous Serial Port (MSSP) module with two modes of operation:

   - 2/3/4-wire SPI (supports all 4 SPI modes)

   - I2C™ Master and Slave mode

• Two Enhanced USART modules:

   - Supports RS-485, RS-232 and LIN 1.2

   - Auto-Wake-up on Start bit

   - Auto-Baud Rate Detect

• Parallel Slave Port (PSP) module



External Memory Interface

(PIC18F8525/8621 Devices Only):

• Address capability of up to 2 Mbytes

• 16-bit interface



Analog Features:

• 10-bit, up to 16-channel Analog-to-Digital Converter (A/D):

   - Auto-Acquisition

   - Conversion available during Sleep

• Programmable 16-level Low-Voltage Detection (LVD) module:

   - Supports interrupt on Low-Voltage Detection

• Programmable Brown-out Reset (BOR)

• Dual analog comparators:

   - Programmable input/output configuration



Special Microcontroller Features:

• 100,000 erase/write cycle Enhanced Flash program memory typical

• 1,000,000 erase/write cycle Data EEPROM memory typical

• 1 second programming time

• Flash/Data EEPROM Retention: > 100 years

• Self-reprogrammable under software control

• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own On-Chip RC Oscillator for reliable operation

• Programmable code protection

• Power-saving Sleep mode

• Selectable oscillator options including:

   - 4x Phase Lock Loop (PLL) – of primary oscillator

   - Secondary Oscillator (32 kHz) clock input

• In-Circuit Serial Programming™ (ICSP™) via two pins

• MPLAB® In-Circuit Debug (ICD 2) via two pins



CMOS Technology:

• Low power, high-speed Flash technology

• Fully static design

• Wide operating voltage range (2.0V to 5.5V)

• Industrial and Extended temperature ranges



 




Similar Part No. - PIC18F6525-I/PTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6525-IPTQTP MICROCHIP-PIC18F6525-IPTQTP Datasheet
6Mb / 386P
64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
2003
PIC18F6525-IPTSQTP MICROCHIP-PIC18F6525-IPTSQTP Datasheet
6Mb / 386P
64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
2003
More results


Similar Description - PIC18F6525-I/PTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6520 MICROCHIP-PIC18F6520 Datasheet
3Mb / 380P
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
2004
PIC18FXX20 MICROCHIP-PIC18FXX20 Datasheet
7Mb / 366P
64/80-Pin High Performance 1 Mbit Enhanced FLASH Microcontrollers with A/D
2003
PIC18F6585 MICROCHIP-PIC18F6585 Datasheet
8Mb / 496P
64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
2004
PIC18F6X2X MICROCHIP-PIC18F6X2X Datasheet
6Mb / 386P
64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
2003
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18F6520 MICROCHIP-PIC18F6520_13 Datasheet
6Mb / 380P
64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
11/29/12 2003-2013
PIC18F6525 MICROCHIP-PIC18F6525_13 Datasheet
6Mb / 400P
64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
11/29/12 2003-2013
PIC18F6585 MICROCHIP-PIC18F6585_13 Datasheet
11Mb / 496P
64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
11/29/12 2003-2013
PIC18LF8680-IPT MICROCHIP-PIC18LF8680-IPT Datasheet
9Mb / 496P
64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
02/17/04
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com