Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD-9606GC/AC-AU Datasheet (PDF) - Microchip Technology

PD-9606GC/AC-AU Datasheet PDF - Microchip Technology
Part # PD-9606GC/AC-AU
Download  PD-9606GC/AC-AU Download
File Size   381.73 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management

PD-9606GC/AC-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-9606GC/AC-AU Datasheet PDF - Microchip Technology

Part # PD-9606GC/AC-AU
Download  PD-9606GC/AC-AU Click to download

File Size   381.73 Kbytes
Page   2 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Multi-Port IEEE짰 802.3bt-Compliant 90W PoE Midspan Family With Network Management

PD-9606GC/AC-AU Datasheet (HTML) - Microchip Technology




Similar Part No. - PD-9606GC/AC-AU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9606GC/AC-AU MICROCHIP-PD-9606GC/AC-AU Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
More results


Similar Description - PD-9606GC/AC-AU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-6500G MICROSEMI-PD-6500G Datasheet
927Kb / 2P
Business-class Midspan Family with Network Management System and Lifetime Warranty
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-6500G MICROCHIP-PD-6500G Datasheet
401Kb / 2P
Multi-port 802.3af Compliant Midspan Family With Network Management System
5/21
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com