Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPA4263APCK401 Datasheet (PDF) - Qorvo, Inc

QPA4263APCK401 Datasheet PDF - Qorvo, Inc
Part # QPA4263APCK401
Download  QPA4263APCK401 Download
File Size   889.77 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC – 3500 MHz Cascadable SiGe HBT Amplifier

QPA4263APCK401 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA4263APCK401 Datasheet PDF - Qorvo, Inc

Part # QPA4263APCK401
Download  QPA4263APCK401 Click to download

File Size   889.77 Kbytes
Page   7 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description DC – 3500 MHz Cascadable SiGe HBT Amplifier

QPA4263APCK401 Datasheet (HTML) - Qorvo, Inc


QPA4263APCK401 Product details

Key Features
 DC to 3500 MHz Operation
 Single Positive Voltage Supply
 Gain: 12.3 dB at 1950 MHz
 Output IP3: +29.2 dBm typical at 1950 MHz
 Noise Figure: 3.7 dB Typical at 1950 MHz
 Robust 1000 V Class 1C HBM ESD Rating
 Lead-free/RoHS-compliant SOT-363 Package




Similar Part No. - QPA4263APCK401

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA4263APCK401 RFMD-QPA4263APCK401 Datasheet
765Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Similar Description - QPA4263APCK401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-6489 ETC-SGA-6489 Datasheet
259Kb / 4P
DC 3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
Stanford Microdevices
SGA-4263 STANFORD-SGA-4263 Datasheet
407Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
SGA-4463 STANFORD-SGA-4463 Datasheet
406Kb / 5P
DC-3500 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-4263 SIRENZA-SGA-4263 Datasheet
253Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6489 SIRENZA-SGA-6489 Datasheet
95Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-6589 SIRENZA-SGA-6589 Datasheet
90Kb / 4P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Qorvo, Inc
QPA4563A QORVO-QPA4563A Datasheet
784Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA7489A QORVO-QPA7489A Datasheet
646Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
May 14, 2021
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com