Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G6K-2P-RFDC12 Datasheet (PDF) - Omron Electronics LLC

G6K-2P-RFDC12 Datasheet PDF - Omron Electronics LLC
Part # G6K-2P-RFDC12
Download  G6K-2P-RFDC12 Download
File Size   374.68 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay

G6K-2P-RFDC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
G6K-2P-RFDC12 Datasheet PDF - Omron Electronics LLC

Part # G6K-2P-RFDC12
Download  G6K-2P-RFDC12 Click to download

File Size   374.68 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay

G6K-2P-RFDC12 Datasheet (HTML) - Omron Electronics LLC


G6K-2P-RFDC12 Product details

• Superior high-frequency characteristics (at 1 GHz), such as an isolation
of 20 dB min. between contacts of the same polarity of 30 dB min. between
contacts of different polarity with an insertion loss of 0.2 dB max.
• Miniaturized to 10.3 × 6.9 × 5.4 mm (L × W × H).
• Rated power consumption of 100 mW with high sensitivity
• Single-side stable and single-winding latching models are available.
• Models with a smaller footprint (G6K(U)-2F-RF-S) are available to help save space.
• G6K(U)-2F-RF-T models for 3-GHz band join the lineup with a downsized footprint.
• New PCB terminals models are available.




Similar Part No. - G6K-2P-RFDC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2P-DC24 OMRON-G6K-2P-DC24 Datasheet
308Kb / 10P
Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
308Kb / 10P
Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
1Mb / 12P
Low Signal Relay
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
1Mb / 10P
Low Signal Relay
G6K-2P-Y OMRON-G6K-2P-Y Datasheet
1Mb / 10P
Low Signal Relay
More results


Similar Description - G6K-2P-RFDC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
G6Z1FEDC12 OMRON-G6Z1FEDC12 Datasheet
1Mb / 16P
Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2012080LN7N2T WALSIN-RFDIP2012080LN7N2T Datasheet
600Kb / 7P
2.4 GHz & 5 GHz Band Working Frequency
RFLPF16082G5W0T WALSIN-RFLPF16082G5W0T Datasheet
598Kb / 7P
2.5 GHz Band Working Frequency
RFDIP1608060LNT WALSIN-RFDIP1608060LNT Datasheet
553Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012050L87B1U WALSIN-RFDIP2012050L87B1U Datasheet
539Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP1608060LWT WALSIN-RFDIP1608060LWT Datasheet
597Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
RFDIP2012050LVT WALSIN-RFDIP2012050LVT Datasheet
577Kb / 7P
2.4 GHz & 5 GHz ISM Band Working Frequency
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com