Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC51864FL Datasheet (PDF) - Toshiba Semiconductor

TC51864FL Datasheet PDF - Toshiba Semiconductor
Part # TC51864FL
Download  TC51864FL Download
File Size   484.75 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51864FL Datasheet (PDF)

Go To PDF Page Download Datasheet
TC51864FL Datasheet PDF - Toshiba Semiconductor

Part # TC51864FL
Download  TC51864FL Click to download

File Size   484.75 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 65,536 WORD x 8 BIT CMOS PSEUDO STATIC RAM

TC51864FL Datasheet (HTML) - Toshiba Semiconductor


TC51864FL Product details

Description
The TC51864PL is a 512K bit high speed CMOS pseudo static RAM organized as 65,536 words by 8 bits. The TC51864PL utilizes
a one transistor dynamic memory cell with CMOS peripheral circuitry to provide high capacity, high speed and low power storage. The
TC51864PL operates from a single 5V power supply. Refreshing is supported by a refresh (RFSH) input which enables two types of
refreshing - auto refresh and self refresh. The TC51864PL features a static RAM-like interface with a write cycle in which the input
data is written into the memory cell at the rising edge of RW thus simplifying the microprocessor interface.
The TC51864PL is available in a 32-pin, 0.6 inch width plastic DIP, and a small outline plastic flat package.

Features
• Organization: 65,536 words x 8 bits
• Single 5V power supply
• Fast access time
CEA CE Access Time
OE Access Time
toEA
tac Cycle Time
Power Dissipation
Self Refresh Current
TC51864 Family
-10
100ns
40ns
160ns
330mW
-85
85ns
35ns
135ns
385mW
100μA
Auto refresh is supported by an internal refresh address
counter
Self refresh is supported by an internal timer
Inputs and outputs TTL compatible
Refresh: 256 refresh cycles/4ms
Package
TC51864PL: DIP32-P-600
- TC51864FL: SOP32-P-525




Similar Part No. - TC51864FL

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
Basic PID Temperature Controller
TC518-CU SELEC-TC518-CU Datasheet
707Kb / 2P
Basic PID Temperature Controller
TC518-SSR SELEC-TC518-SSR Datasheet
707Kb / 2P
Basic PID Temperature Controller
TC518-SSR-CU SELEC-TC518-SSR-CU Datasheet
707Kb / 2P
Basic PID Temperature Controller
logo
Toshiba Semiconductor
TC518128AF TOSHIBA-TC518128AF Datasheet
574Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Similar Description - TC51864FL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70DR TOSHIBA-TC518512PL-70DR Datasheet
320Kb / 9P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PL-70LT TOSHIBA-TC518512PL-70LT Datasheet
300Kb / 8P
524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com