Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NXS0101-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

NXS0101-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXS0101-Q100
Download  NXS0101-Q100 Download

File Size   273.82 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; open drain; auto direction sensing

NXS0101-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXS0101-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXS0101-Q100
Download  NXS0101-Q100 Click to download

File Size   273.82 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply translating transceiver; open drain; auto direction sensing

NXS0101-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button NXS0101-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved NXS0101-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

NXS0101-Q100 Product details

1. General description
The NXS0101-Q100 is a 1-bit, dual supply translating transceiver with auto direction sensing, that
enables bidirectional voltage level translation. It features one 1-bit input-output port (A and B),
one output enable input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at
any voltage between 1.65 V and 3.6 V and VCC(B) can be supplied at any voltage between 2.3 V
and 5.5 V, making the device suitable for translating between any of the voltage nodes (1.8 V,
2.5 V, 3.3 V and 5.0 V). Pins A and OE are referenced to VCC(A) and pin B is referenced to VCC(B).
A LOW level at pin OE causes the output to assume a high-impedance OFF-state. This device is
fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output,
preventing the damaging backflow current through the device when it is powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range:
• VCC(A): 1.65 V to 3.6 V and VCC(B): 2.3 V to 5.5 V
• Maximum data rates:
• Push-pull: 24 Mbps
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
• HBM: ANSI/ESDA/Jedec JS-001 Class 2 exceeds 2.5 kV for A port
• HBM: ANSI/ESDA/Jedec JS-001 Class 3B exceeds 8 kV for B port
• CDM: ANSI/ESDA/Jedec JS-002 Class C3 exceeds 1.5 kV
• Latch-up performance exceeds 100 mA per JESD 78B Class II

3. Applications
• Desktop PC
• Handset
• Smartphone
• Tablet




Similar Part No. - NXS0101-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101GM NEXPERIA-NXS0101GM Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101GS NEXPERIA-NXS0101GS Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0101GW NEXPERIA-NXS0101GW Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
More results


Similar Description - NXS0101-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
logo
Nexperia B.V. All right...
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
logo
NXP Semiconductors
NTS0102 NXP-NTS0102_V02 Datasheet
753Kb / 43P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 - 6 July 2023
logo
Nexperia B.V. All right...
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com