Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVT08PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVT08PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVT08PW
Download  74LVT08PW Download

File Size   213.42 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V Quad 2-input AND gate

74LVT08PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT08PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVT08PW
Download  74LVT08PW Click to download

File Size   213.42 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V Quad 2-input AND gate

74LVT08PW Datasheet (HTML) - Nexperia B.V. All rights reserved

74LVT08PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVT08PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved

74LVT08PW Product details

1. General description
The 74LVT08 is a quad 2-input AND gate. This device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.7 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• Output capability: +64 mA and -32 mA
• Direct interface with TTL levels
• No bus current loading when output is tied to 5 V bus
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• Complies with JEDEC standard: JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74LVT08PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT08PW PHILIPS-74LVT08PW Datasheet
78Kb / 10P
   3.3V Quad 2-input AND gate
1996 May 29
74LVT08PWDH PHILIPS-74LVT08PWDH Datasheet
78Kb / 10P
   3.3V Quad 2-input AND gate
1996 May 29
More results


Similar Description - 74LVT08PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT02 NEXPERIA-74LVT02 Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com