Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCR8DCMT4G Datasheet (PDF) - ON Semiconductor

MCR8DCMT4G Datasheet PDF - ON Semiconductor
Part # MCR8DCMT4G
Download  MCR8DCMT4G Download
File Size   60.62 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Controlled Rectifiers Reverse Blocking Thyristors

MCR8DCMT4G Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR8DCMT4G Datasheet PDF - ON Semiconductor

Part # MCR8DCMT4G
Download  MCR8DCMT4G Click to download

File Size   60.62 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Controlled Rectifiers Reverse Blocking Thyristors

MCR8DCMT4G Datasheet (HTML) - ON Semiconductor


MCR8DCMT4G Product details

Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.
   
Features
• Small Size
• Passivated Die for Reliability and Uniformity
• Low Level Triggering and Holding Characteristics
• Available in Surface Mount Lead Form − Case 369C
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B > 8000 V
                         Machine Model, C > 400 V
• Pb−Free Packages are Available
   




Similar Part No. - MCR8DCMT4G

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MCR8DCMT4G KERSEMI-MCR8DCMT4G Datasheet
428Kb / 5P
Silicon Controlled Rectifiers
More results


Similar Description - MCR8DCMT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR12DCM ONSEMI-MCR12DCM Datasheet
64Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR68 ONSEMI-MCR68_05 Datasheet
58Kb / 5P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
MCR69 ONSEMI-MCR69_04 Datasheet
51Kb / 6P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2004 ??Rev. 1
MCR218 ONSEMI-MCR218 Datasheet
55Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
logo
Digitron Semiconductors
2N6504 DIGITRON-2N6504 Datasheet
212Kb / 4P
SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com