Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ1832A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1832A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1832A
Download  TZ1832A Download
File Size   700.89 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Cylinder DIP Type 12MHz Crystal Unit

TZ1832A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1832A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1832A
Download  TZ1832A Click to download

File Size   700.89 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Cylinder DIP Type 12MHz Crystal Unit

TZ1832A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1832A Product details

Features:
Good Frequency Perturbation and Stability over temperature

Description and Applications:
Cylinder dip type crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ1832A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1835A TAI-SAW-TZ1835A Datasheet
135Kb / 8P
Crystal Unit SMD 2.5x2.0 19.2MHz
REV. NO.: 1
More results


Similar Description - TZ1832A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2121A TAI-SAW-TZ2121A Datasheet
276Kb / 4P
Cylinder DIP Type 24MHz Crystal Unit
REV. NO.: 2.0
TZ2442A TAI-SAW-TZ2442A Datasheet
214Kb / 5P
Cylinder DIP Type 25MHz Crystal Unit
REV. NO.: 1.0
TZ1390A TAI-SAW-TZ1390A Datasheet
323Kb / 4P
HC49SMD 12MHz Crystal Unit
REV. NO.: 1.0
TZ0142A TAI-SAW-TZ0142A Datasheet
298Kb / 4P
HC49US 12MHz Crystal Unit
REV. NO.: 2.0
TZ2508A TAI-SAW-TZ2508A Datasheet
319Kb / 5P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
TZ1631A TAI-SAW-TZ1631A Datasheet
300Kb / 5P
HC49SMD 12MHz Crystal Unit
REV. NO.: 3.0
TZ1733A TAI-SAW-TZ1733A Datasheet
299Kb / 4P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
TZ2436A TAI-SAW-TZ2436A Datasheet
320Kb / 5P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
TZ1293E TAI-SAW-TZ1293E Datasheet
367Kb / 7P
Crystal Unit SMD 5.0x3.2 12MHz
REV. NO.: 1
TZ2321A TAI-SAW-TZ2321A Datasheet
365Kb / 7P
Crystal Unit SMD 5.0x3.2 12MHz
REV. NO.: 1
More results



Link URL



Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com