Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THYRO-A+ Datasheet (PDF) - Advanced Energy Industries, Inc.

THYRO-A+ Datasheet PDF - Advanced Energy Industries, Inc.
Part # THYRO-A+
Download  THYRO-A+ Download
File Size   411.01 Kbytes
Page   8 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description DIGITALER THYRISTOR-LEISTUNGSSTELLER BIS ZU 280 A

THYRO-A+ Datasheet (PDF)

Go To PDF Page Download Datasheet
THYRO-A+ Datasheet PDF - Advanced Energy Industries, Inc.

Part # THYRO-A+
Download  THYRO-A+ Click to download

File Size   411.01 Kbytes
Page   8 Pages
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.
Description DIGITALER THYRISTOR-LEISTUNGSSTELLER BIS ZU 280 A

THYRO-A+ Datasheet (HTML) - Advanced Energy Industries, Inc.


THYRO-A+ Product details

TYPISCHE APPLIKATIONEN
 Transformator-Lasten, ohmsche Lasten und Heizelemente in
elektrischen Öfen in den Anwendungsbereichen Glas, Metall und
Keramik
 Begleitheizung für Rohrleitungen und Prozesselemente in der
chemischen und petrochemischen Industrie
 Extruder- und Kunststoffpressen-Heizung, IR-Trocknung und
Automotive-Anwendungen




Similar Part No. - THYRO-A+

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
THYRO-A ADVANCEDENERGY-THYRO-A Datasheet
738Kb / 10P
DIGITAL SCR POWER CONTROLLER 8 TO 1500 A
More results


Similar Description - THYRO-A+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS485 ETC1-RS485 Datasheet
141Kb / 1P
Vernetzung von bis zu 32 Einheiten per RS485-Bus
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
logo
Vishay Siliconix
UFB280FA40 VISHAY-UFB280FA40 Datasheet
141Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
13-May-11
logo
Agilent(Hewlett-Packard...
U1177A HP-U1177A Datasheet
468Kb / 5P
IR-zu-Bluetooth짰-Adapter
logo
Vishay Siliconix
VS-UFB280FA40 VISHAY-VS-UFB280FA40 Datasheet
266Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
31-May-16
VS-UFH280FA30 VISHAY-VS-UFH280FA30 Datasheet
165Kb / 7P
Insulated Hyperfast Rectifier Module, 280 A
18-Sep-2018
VS-UFB280FA40 VISHAY-VS-UFB280FA40_V01 Datasheet
171Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
18-Sep-2018
VS-UFH280FA30 VISHAY-VS-UFH280FA30_V01 Datasheet
165Kb / 7P
Insulated Hyperfast Rectifier Module, 280 A
18-Sep-2018
VS-UFB280FA20 VISHAY-VS-UFB280FA20_V02 Datasheet
158Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
10-Sep-2019
VS-UFB280FA40 VISHAY-VS-UFB280FA40_V02 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
18-Sep-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com