Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC3702/4 Datasheet (PDF) - Texas Instruments

TLC3702/4 Datasheet PDF - Texas Instruments
Part # TLC3702/4
Download  TLC3702/4 Download
File Size   822.11 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER PUSH-PULL OUTPUT COMPARATOR

TLC3702/4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC3702/4 Datasheet PDF - Texas Instruments

Part # TLC3702/4
Download  TLC3702/4 Click to download

File Size   822.11 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NANOPOWER PUSH-PULL OUTPUT COMPARATOR

TLC3702/4 Datasheet (HTML) - Texas Instruments


TLC3702/4 Product details

FEATURES
Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
Extended Temperature Performance of −40°C
to 125°C
Enhanced Diminishing Manufacturing
Sources (DMS) Support
Enhanced Product-Change Notification
Qualification Pedigree†
Low Supply Current . . . 560 nA
Input Common-Mode Range Exceeds the
Rails . . . −0.1 V to VCC + 5 V
Supply Voltage Range . . . 2.7 V to 16 V
Reverse Battery Protection Up to 18 V
Push-Pull CMOS Output Stage
Ultrasmall Packaging
− 5-Pin SOT-23
Universal Op-Amp EVM (Reference SLOU060
for more information)

APPLICATIONS
Portable Battery Monitoring
Security Detection Systems

DESCRIPTION
The TLV3701 is part of Texas Instruments’ first family of
nanopower comparator with only 560 nA supply current,
which make this device ideal for low power applications.
The TLV3701 has a minimum operating supply voltage of 2.7 V over the extended temperature range TA = −40°C
to 125°C, while having an input common-mode range of −0.1 to VCC + 5 V. The low supply current makes it an ideal
choice for battery powered portable applications where quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due to improper battery installation. For harsh
environments, the inputs can be taken 5 V above the positive supply rail without damage to the device.
This device is available in the small SOT-23 package. Other package options may be made available upon request.




Similar Part No. - TLC3702/4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702/4 TI-TLC3702/4 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLC3702/4 TI1-TLC3702/4 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLC3702/4 TI2-TLC3702/4 Datasheet
720Kb / 19P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
REVISED MAY 2010
More results


Similar Description - TLC3702/4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
NANOPOWER PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com