Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS6052/3 Datasheet (PDF) - Texas Instruments

THS6052/3 Datasheet PDF - Texas Instruments
Part # THS6052/3
Download  THS6052/3 Download
File Size   1067.62 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 275 mA, 12 V ADSL CPE LINE DRIVERS

THS6052/3 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS6052/3 Datasheet PDF - Texas Instruments

Part # THS6052/3
Download  THS6052/3 Click to download

File Size   1067.62 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 275 mA, 12 V ADSL CPE LINE DRIVERS

THS6052/3 Datasheet (HTML) - Texas Instruments


THS6052/3 Product details

Remote Terminal ADSL Line Driver
− Ideal for Both Full Rate ADSL and G.Lite
− Compatible With 1:2 Transformer Ratio
Wide Supply Voltage Range +5 V to +14 V
− Ideal for Single Supply +12-V Operation
Low 2.1 pA/√Hz Noninverting Current Noise
− Reduces Noise Feedback Through
Hybrid Into Downstream Channel
Wide Output Swing
− 18.4 Vpp Differential Output Voltage,
RL = 50 Ω, 12-V Single Supply
High Output Current
− 275 mA (typ)
High Speed
− 100 MHz (−3 dB, G=1, 12-V Single
Supply)
− 600 V/μs Slew Rate (G = 4, 12-V Single
Supply)
Low Distortion, Single-Ended, G = 4
− −72 dBc (250 kHz, 2 Vpp, 25 Ω load)
− −78 dBc (250 kHz, 2 Vpp, 100 Ω load)
Low Power Shutdown (THS6093)
− 300 μA Total Standby Current
Thermal Shutdown and Short Circuit
Protection
Standard SOIC, SOIC PowerPAD, and
TSSOP PowerPAD Package
Evaluation Module Available

description
The THS6092/3 is a high-speed line driver ideal for driving signals from the remote terminal to the central office
in asymmetrical digital subscriber line (ADSL) applications. It can operate from a single +12-V supply voltage
while drawing only 7.3 mA of supply current per channel. It offers low –72 dBc total harmonic distortion driving
a 25-Ω load (2 Vpp). The THS6092/3 offers a high 18.4-Vpp differential output swing across a 50-Ω load from
a single +12-V supply. The THS6093 features a low-power shutdown mode, consuming only 300 μA quiescent
current per channel. The THS6092/3 is packaged in a standard SOIC, SOIC PowerPAD, and TSSOP
PowerPAD package.




Similar Part No. - THS6052/3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6052/3 TI1-THS6052/3 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
More results


Similar Description - THS6052/3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6042 TI-THS6042 Datasheet
509Kb / 33P
350 mA, 짹12 V ADSL CPE LINE DRIVERS
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com