Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRDC-10-2W-75+ Datasheet (PDF) - Mini-Circuits

LRDC-10-2W-75+ Datasheet PDF - Mini-Circuits
Part # LRDC-10-2W-75+
Download  LRDC-10-2W-75+ Download
File Size   277.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 30 to 1200 MHz

LRDC-10-2W-75+ Datasheet (PDF)

Go To PDF Page Download Datasheet
LRDC-10-2W-75+ Datasheet PDF - Mini-Circuits

Part # LRDC-10-2W-75+
Download  LRDC-10-2W-75+ Click to download

File Size   277.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 30 to 1200 MHz

LRDC-10-2W-75+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - LRDC-10-2W-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRDC-10-2W-75J MINI-LRDC-10-2W-75J Datasheet
252Kb / 1P
Directional Coupler 75廓 30 to 1200 MHz
LRDC-10-2W-75J+ MINI-LRDC-10-2W-75J+ Datasheet
252Kb / 1P
Directional Coupler 75廓 30 to 1200 MHz
More results


Similar Description - LRDC-10-2W-75+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-20-12 MINI-ADC-20-12 Datasheet
239Kb / 1P
Directional Coupler 50廓 100 to 1200 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2W-75J MINI-LRDC-10-2W-75J Datasheet
252Kb / 1P
Directional Coupler 75廓 30 to 1200 MHz
TCD-10-1W-75 MINI-TCD-10-1W-75 Datasheet
280Kb / 1P
Directional Coupler 75廓 10 to 750 MHz
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 10 to 1000 MHz
TCD-20-4-75 MINI-TCD-20-4-75 Datasheet
281Kb / 1P
Directional Coupler 75廓 40 to 1200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com