Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324J6B Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST72324J6B
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324J6B Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST72324J6B Datasheet HTML 146Page - STMicroelectronics ST72324J6B Datasheet HTML 147Page - STMicroelectronics ST72324J6B Datasheet HTML 148Page - STMicroelectronics ST72324J6B Datasheet HTML 149Page - STMicroelectronics ST72324J6B Datasheet HTML 150Page - STMicroelectronics ST72324J6B Datasheet HTML 151Page - STMicroelectronics ST72324J6B Datasheet HTML 152Page - STMicroelectronics ST72324J6B Datasheet HTML 153Page - STMicroelectronics ST72324J6B Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 156 page
background image
ST72324J/K
150/156
ST72324J/K DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the S19 hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 104. ROM Factory Coded Device Types
Table 25. Orderable Flash Device Types
Part Number
Program
Memory
(Bytes)
Temp. Range
Package
ST72F324J6T6
32KB FLASH
-40°C +85°C
TQFP44
ST72F324J4T6
16KB FLASH
ST72F324J2T6
8KB FLASH
ST72F324J6B6
32KB FLASH
SDIP42
ST72F324J4B6
16KB FLASH
ST72F324J2B6
8KB FLASH
ST72F324J6TC
32KB FLASH
-40°C +125°C
TQFP44
ST72F324K6T6
32KB FLASH
-40°C +85°C
TQFP32
ST72F324K4T6
16KB FLASH
ST72F324K2T6
8KB FLASH
ST72F324K6B6
32KB FLASH
SDIP32
ST72F324K4B6
16KB FLASH
ST72F324K2B6
8KB FLASH
ST72F324K6TC
32KB FLASH
-40°C +125°C
TQFP32
DEVICE PACKAGE
TEMP.
RANGE
XXX
/
Code name (defined by STMicroelectronics)
1= 0 to +70 °C
5= -10 to +85 °C
6= -40 to +85 °C
C = -40 to +125 °C
T= Plastic Thin Quad Flat Pack
B= Plastic Dual in Line
ST72324J6, ST72324J4, ST72324J2
ST72324K6, ST72324K4, ST72324K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com