Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324J2B Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST72324J2B
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324J2B Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST72324J2B Datasheet HTML 122Page - STMicroelectronics ST72324J2B Datasheet HTML 123Page - STMicroelectronics ST72324J2B Datasheet HTML 124Page - STMicroelectronics ST72324J2B Datasheet HTML 125Page - STMicroelectronics ST72324J2B Datasheet HTML 126Page - STMicroelectronics ST72324J2B Datasheet HTML 127Page - STMicroelectronics ST72324J2B Datasheet HTML 128Page - STMicroelectronics ST72324J2B Datasheet HTML 129Page - STMicroelectronics ST72324J2B Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 156 page
background image
ST72324J/K
126/156
CLOCK CHARACTERISTICS (Cont’d)
12.5.4 RC Oscillators
The ST7 internal clock can be supplied with an RC
oscillator. This oscillator can be used with internal
or external components (selectable by option
byte).
Figure 69. Typical Application with RC oscillator
Notes:
1. Data based on design simulation.
2. REX must have a positive temperature coefficient (ppm/°C), carbon resistors should therefore not be used.
3. iCEX is the current needed to load the CEX capacitor while OSC1 is forced to VSS or 1.5V (RC oscillation voltage range).
Figure 70. Typical fOSC(RCINT) vs VDD
Figure 71. Typical fOSC(RCINT) vs TA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC (RCINT)
Internal RC oscillator frequency
See Figure 70 and Figure 71
TA=25°C, VDD=5V
2
3.5
5.6
MHz
fOSC(RCEXT)
External RC oscillator frequency 1)
5 / (REX.CEX)
REX
Oscillator external resistor 2)
56
100
K
Ω
CEX
Oscillator external capacitor
22
470
pF
|iCEX|
Capacitor load current 3)
OSC1 = VSS or 1.5V
290
350
µA
OSC2
OSC1
fOSC
CEX
REX
EXTERNAL RC
INTERNAL RC
VREF
+
-
VDD
Current copy
Voltage generator
CEX discharge
ST72XXX
RIN
CIN
iCEX
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.35
5
5.5
VDD(V)
TA=-45C
TA=25C
TA=130C
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-45
0
25
70
130
TA(°C)
Vdd = 2.4V
Vdd = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com